Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 102 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 98Page - STMicroelectronics VS6724 Datasheet HTML 99Page - STMicroelectronics VS6724 Datasheet HTML 100Page - STMicroelectronics VS6724 Datasheet HTML 101Page - STMicroelectronics VS6724 Datasheet HTML 102Page - STMicroelectronics VS6724 Datasheet HTML 103Page - STMicroelectronics VS6724 Datasheet HTML 104Page - STMicroelectronics VS6724 Datasheet HTML 105Page - STMicroelectronics VS6724 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 118 page
background image
Programming model and register description
VS6724
102/118
0x2514
bOIFCLKRatio
Default value
0x1
Purpose
Determines the maximum PCLK output rate for the JPEG data, in
relation to the YUV pixel clock frequency
Type
BYTE
Possible values
0 ->PCLK is same frequency YUV pixel clock, for non JPEG
//for JPEG
1-> PCLK is 2 times slower
2-> PCLK is 4 times slower
3-> PCLK is 6 times slower
4-> PCLK is 8 times slower
5-> PCLK is 10 times slower
6-> PCLK is 12 times slower
7-> PCLK is 14 times slower
8-> PCLK is 16 times slower
9-> PCLK is 18 times slower
10-> PCLK is 20times slower
0x251b
0x251c
uwThres
Default value
0x0200
Purpose
Sets the number of bytes of JPEG data are present in each Packet
(line), must equal uwLinelength
Type
WORD
Possible values
The number of bytes in a line is 2 x the value programmed into this
register, the maximum number of bytes in a line is 2KB.
1.
Can be controlled in all stable states
Table 50.
JPEG image characteristics (continued)
Index
JPEGImageCharacteristics(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com