Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6724 Datasheet(PDF) 108 Page - STMicroelectronics

Part # VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 104Page - STMicroelectronics VS6724 Datasheet HTML 105Page - STMicroelectronics VS6724 Datasheet HTML 106Page - STMicroelectronics VS6724 Datasheet HTML 107Page - STMicroelectronics VS6724 Datasheet HTML 108Page - STMicroelectronics VS6724 Datasheet HTML 109Page - STMicroelectronics VS6724 Datasheet HTML 110Page - STMicroelectronics VS6724 Datasheet HTML 111Page - STMicroelectronics VS6724 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 118 page
background image
Electrical characteristics
VS6724
108/118
6.6
I²C slave interface
VS6724 contains an I²C-type interface using two signals: a bidirectional serial data line
(SDA) and an input-only serial clock line (SCL). See
PLL operation for detailed description
of protocol.
Figure 40. Voltage level specification
Table 60.
Serial interface voltage levels(1)
Symbol
Parameter
Standard mode
Fast mode
Unit
Min.
Max.
Min.
Max.
VHYS
Hysteresis of Schmitt Trigger Inputs
VDD > 2 V
VDD < 2V
N/A
N/A
N/A
N/A
0.05 VDD
0.1 VDD
-
-
V
V
VOL1
VOL3
LOW level output voltage (open drain)
at 3mA sink current
VDD > 2 V
VDD < 2V
0
N/A
0.4
N/A
0
0
0.4
0.2 VDD
V
V
VOH
HIGH level output voltage
N/A
N/A
0.8 VDD
V
tOF
Output fall time from VIHmin to VILmax with
a bus capacitance from 10 pF to 400 pF
-
250
20+0.1Cb
(2)
250
ns
tSP
Pulse width of spikes which must be
suppressed by the input filter
N/A
N/A
0
50
ns
1.
Maximum VIH = VDDmax + 0.5 V
2.
Cb = capacitance of one bus line in pF
VIH = 0.7 * VDD
VIL = 0.3 * VDD
VOH = 0.8 * VDD
VOL = 0.2 * VDD
Input voltage levels
Output voltage levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com