Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 189Page - Microchip Technology PIC16F753 Datasheet HTML 190Page - Microchip Technology PIC16F753 Datasheet HTML 191Page - Microchip Technology PIC16F753 Datasheet HTML 192Page - Microchip Technology PIC16F753 Datasheet HTML 193Page - Microchip Technology PIC16F753 Datasheet HTML 194Page - Microchip Technology PIC16F753 Datasheet HTML 195Page - Microchip Technology PIC16F753 Datasheet HTML 196Page - Microchip Technology PIC16F753 Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 193
PIC16F753/HV753
TABLE 22-15: DIGITAL-TO-ANALOG CONVERTER (DAC) SPECIFICATIONS(1)
TABLE 22-16: FIXED VOLTAGE REFERENCE SPECIFICATIONS
TABLE 22-17: SHUNT REGULATOR SPECIFICATIONS (PIC16HV753 only)
Standard Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param
No.
Sym.
Characteristics
Min.
Typ†
Max.
Units
Comments
DAC01*
CLSB
Step Size
VDD/512
V
DAC02
CACC
Absolute Accuracy
 1/2
 2LSb
DAC03*
CR
Unit Resistor Value (R)
5K
DAC04*
CST
Settling Time(2)
——
10
s
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
See Section 23.0 “DC and AC Characteristics Graphs and Charts” for operating characterization.
2:
Settling time measured while DACR<4:0> transitions from ‘0000’ to ‘1111’.
Standard Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param
No.
Symbol
Characteristics
Min.
Typ.
Max.
Units
Comments
VR01*
VFVR
FVR Voltage Output
1.128
1.2
1.272
V
VR02*
TSTABLE
FVR Turn On Time
200
s
*
These parameters are characterized but not tested.
Standard Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param
No.
Symbol
Characteristics
Min.
Typ.
Max.
Units
Comments
SR01
VSHUNT
Shunt Voltage
4.75
5
5.5
V
4.70
5
5.5
V
TA = -40°C
SR02
ISHUNT
Shunt Current
1
50
mA
SR03*
TSETTLE Settling Time
150
ns
To 1% of final value
SR04
CLOAD
Load Capacitance
0.01
10
F
Bypass capacitor on VDD
pin
SR05
ISNT
Regulator operating current
180
A
Includes band gap
reference current
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com