Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 191Page - Microchip Technology PIC16F753 Datasheet HTML 192Page - Microchip Technology PIC16F753 Datasheet HTML 193Page - Microchip Technology PIC16F753 Datasheet HTML 194Page - Microchip Technology PIC16F753 Datasheet HTML 195Page - Microchip Technology PIC16F753 Datasheet HTML 196Page - Microchip Technology PIC16F753 Datasheet HTML 197Page - Microchip Technology PIC16F753 Datasheet HTML 198Page - Microchip Technology PIC16F753 Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 195
PIC16F753/HV753
TABLE 22-19: ADC CONVERSION REQUIREMENTS
FIGURE 22-10:
PIC16F753/HV753 A/D CONVERSION TIMING (ADC CLOCK FOSC-BASED)
Standard Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max. Units
Conditions
AD130* TAD
ADC Internal FRC
Oscillator Period
3.0
6.0
9.0
sAt VDD = 2.5V
1.6
4.0
6.0
sAt VDD = 5.0V
ADC Clock Period
1.6
9.0
sFOSC-based, VREF 3.0V
3.0
9.0
sTOSC-based, VREF full range(2)
AD131
TCNV
Conversion Time
(not including
Acquisition Time)(1)
—11
TAD
Set GO/DONE bit to conversion
complete
AD132* TACQ
Acquisition Time
11.5
s
AD133* TAMP
Amplifier Settling Time
5
s
AD134
TGO
Q4 to A/D Clock Start
TOSC/2
THCD Holding Capacitor
Disconnect Time
1/2 TAD
1/2 TAD + 1 TCY
—FOSC-based
ADCS<2:0> = x11 (ADC FRC mode)
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The ADRES register may be read on the following TCY cycle. See Section 12.4 “A/D Acquisition
Requirements” for minimum conditions.
2:
Full range for PIC16HV753 powered by the shunt regulator is the 5V regulated voltage.
AD131
AD130
BSF ADCON0, GO
Q4
A/D CLK
A/D Data
ADRES
ADIF
GO
Sample
OLD_DATA
Sampling Stopped
DONE
NEW_DATA
98
7
3
2
1
0
1 TCY
6
AD134
(
TOSC/2)
1 TCY
AD132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com