Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 127Page - Microchip Technology PIC16F753 Datasheet HTML 128Page - Microchip Technology PIC16F753 Datasheet HTML 129Page - Microchip Technology PIC16F753 Datasheet HTML 130Page - Microchip Technology PIC16F753 Datasheet HTML 131Page - Microchip Technology PIC16F753 Datasheet HTML 132Page - Microchip Technology PIC16F753 Datasheet HTML 133Page - Microchip Technology PIC16F753 Datasheet HTML 134Page - Microchip Technology PIC16F753 Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 131
PIC16F753/HV753
TABLE 15-2:
SUMMARY OF REGISTERS ASSOCIATED WITH COMPARATOR MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1ZLF
C1SP
C1HYS
C1SYNC
129
CM1CON1
C1INTP
C1INTN
C1PCH<2:0>
C1NCH<2:0>
130
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2ZLF
C2SP
C2HYS
C2SYNC
129
CM2CON1
C2INTP
C2INTN
C2PCH<2:0>
C2NCH<2:0>
130
CMOUT
—
—
—
—
—
—
MCOUT2
MCOUT1
130
DAC1CON0
DACEN
DACFM
DACOE
—
DACPSS1
DACPSS0
—
—
120
DAC1REFL
Least Significant bit of the left shifted result or eight bits of the right shifted DAC setting
122
FVR1CON0
FVREN
FVRRDY
FVROE
FVRBUFSS1
FVRBUFSS0
—
—
FVRBUFEN
116
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
17
PIE2
—
—
C2IE
C1IE
—
COG1IE
—
CCP1IE
19
PIR2
—
—
C2IF
C1IF
—
COG1IF
—
CCP1IF
21
TRISA
—
—
TRISA5
TRISA4
TRISA3(1)
TRISA2
TRISA1
TRISA0
43
ANSELA
—
—
—
ANSA4
—
ANSA2
ANSA1
ANSA0
44
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are unused by the comparator module.
Note
1:
TRISA3 always reads ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com