Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 130Page - Microchip Technology PIC16F753 Datasheet HTML 131Page - Microchip Technology PIC16F753 Datasheet HTML 132Page - Microchip Technology PIC16F753 Datasheet HTML 133Page - Microchip Technology PIC16F753 Datasheet HTML 134Page - Microchip Technology PIC16F753 Datasheet HTML 135Page - Microchip Technology PIC16F753 Datasheet HTML 136Page - Microchip Technology PIC16F753 Datasheet HTML 137Page - Microchip Technology PIC16F753 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 134
 2013-2015 Microchip Technology Inc.
16.4
Register Definitions: OPA Control
TABLE 16-1:
REGISTERS ASSOCIATED WITH THE OPA MODULE
REGISTER 16-1:
OPAxCON0: OP AMP CONTROL REGISTER
R/W-0/0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
OPAxEN
OPAxUGM
OPAxNCH<1:0>
OPAxPCH<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
OPAxEN: OPAx Enable bit
1
= OPAx is enabled
0
= OPAx is disabled
bit 6-5
Unimplemented: Read as ‘0’
bit 4
OPAxUGM: OPAx Unity Gain Mode Enable bit
1
= OPAx is in Unity gain mode
0
= OPAx is not in Unity gain mode - operates as a three-terminal op amp
bit 3-2
OPAxNCH<1:0>: OPAx Negative Input Source Selection bit
11
= OPAx- connects to FVR_buffer1
10
= OPAx- connects to DAC1_output
0x
= OPAx- connects to OPAxIN- pin
bit 1-0
OPAxPCH<1:0>: OPAx Positive Input Source Selection bit
11
= OPAx+ connects to FVR_buffer1
10
= OPAx+ connects to DAC1_output
01
= OPAx+ connects to SLOPE_output
00
= OPAx+ connects to OPAxIN+ pin
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
OPA1CON0
OPA1EN
OPA1UGM
OPA1NCH<1:0>
OPA1PCH<1:0>
134
TRISC
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
49
ANSELC
ANSC3
ANSC2
ANSC1
ANSC0
50
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used for the OPA module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com