Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 136 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 136 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 132Page - Microchip Technology PIC16F753 Datasheet HTML 133Page - Microchip Technology PIC16F753 Datasheet HTML 134Page - Microchip Technology PIC16F753 Datasheet HTML 135Page - Microchip Technology PIC16F753 Datasheet HTML 136Page - Microchip Technology PIC16F753 Datasheet HTML 137Page - Microchip Technology PIC16F753 Datasheet HTML 138Page - Microchip Technology PIC16F753 Datasheet HTML 139Page - Microchip Technology PIC16F753 Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 136
 2013-2015 Microchip Technology Inc.
FIGURE 17-2:
SLOPE COMPENSATION TIMING DIAGRAM
17.2
Using the SC Module
The slope compensator input reference voltage should
be set to the target circuit peak current sense voltage.
The slope compensator output voltage starts at the
input reference voltage and should fall at a rate less
than half the target circuit current sense voltage rate of
rise. Therefore, the compensator slope expressed as
volts
per
µs
can
be
computed
as
shown
in
Equation 17-2.
EQUATION 17-1:
For example, when the circuit is using a 1
 current
sense resistor and the peak current is 1A, then the
peak current expressed as a voltage (VREF) is 1V. If
your power supply is running at 1 MHz, then the period
is 1
s. Therefore, the desired slope is:
EQUATION 17-2:
Slope Compensation Trigger
COG or Comparator Output
One Shot Output
Slope Compensation Output
Slope Compensation Reference Voltage
V
s
------
VREF
2
-------------
PWM Period (
s 
--------------------------------------------
VREF
2
-------------
PWM Period (
s 
--------------------------------------------
1
2
---
1
s
---------
0.5V
s
==
Note: The setting for 0.5V/
s is
SCxISET<3:0> = 6 and SCxRNG = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com