Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 135Page - Microchip Technology PIC16F753 Datasheet HTML 136Page - Microchip Technology PIC16F753 Datasheet HTML 137Page - Microchip Technology PIC16F753 Datasheet HTML 138Page - Microchip Technology PIC16F753 Datasheet HTML 139Page - Microchip Technology PIC16F753 Datasheet HTML 140Page - Microchip Technology PIC16F753 Datasheet HTML 141Page - Microchip Technology PIC16F753 Datasheet HTML 142Page - Microchip Technology PIC16F753 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 139
PIC16F753/HV753
TABLE 17-2:
SUMMARY OF REGISTERS ASSOCIATED WITH THE SC MODULE
TABLE 17-1:
SLOPE COMPENSATOR CURRENT SETTINGS
SC1ISET Value
Current Setting
(uA)
Slope Value
(V/us)
SC1ISET Value
Current Setting
(uA)
Slope Value
(V/us)
0h
2
0.2
10h
10
1.0
1h
2.5
0.25
11h
11
1.1
2h
3
0.3
12h
12
1.2
3h
3.5
0.35
13h
13
1.3
4h
4
0.4
14h
14
1.4
5h
4.5
0.45
15h
15
1.5
6h
5
0.5
16h
16
1.6
7h
5.5
0.55
17h
17
1.7
8h
6
0.6
18h
18
1.8
9h
6.5
0.65
19h
19
1.9
Ah
7
0.7
1Ah
20
2.0
Bh
7.5
0.75
1Bh
21
2.1
Ch
8
0.8
1Ch
22
2.2
Dh
8.5
0.85
1Dh
23
2.3
Eh
9
0.9
1Eh
24
2.4
Fh
9.5
0.95
1Fh
25
2.5
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
SLPCCON0
SC1EN
SC1POL
SC1TSS<1:0>
—SC1INS
138
SLPCCON1
SC1RNG
SC1ISET<3:0>
138
PORTC
RC5
RC4
RC3
RC2
RC1
RC0
49
TRISC
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
49
ANSELC
ANSC3
ANSC2
ANSC1
ANSC0
50
WPUC
WPUC5
WPUC4
WPUC3
WPUC2
WPUC1
WPUC0
51
Legend:
— = unimplemented, read as ‘0’. Shaded cells are unused by the slope compensation module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com