Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 134Page - Microchip Technology PIC16F753 Datasheet HTML 135Page - Microchip Technology PIC16F753 Datasheet HTML 136Page - Microchip Technology PIC16F753 Datasheet HTML 137Page - Microchip Technology PIC16F753 Datasheet HTML 138Page - Microchip Technology PIC16F753 Datasheet HTML 139Page - Microchip Technology PIC16F753 Datasheet HTML 140Page - Microchip Technology PIC16F753 Datasheet HTML 141Page - Microchip Technology PIC16F753 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 138
 2013-2015 Microchip Technology Inc.
17.7
Register Definitions: Slope Compensation Control
REGISTER 17-1:
SLPCCON0: SLOPE COMPENSATION CONTROL 0 REGISTER
R/W-0/0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
SCxEN
SCxPOL
SCxTSS<1:0>
—SCxINS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = value depends on configuration bits
bit 7
SCxEN: Slope Compensation Enable bit
1
= Slope compensation is enabled
0
= Slope compensation is disabled
bit 6-5
Unimplemented: Read as ‘0’
bit 4
SCxPOL: Slope Compensation Input Polarity bit
1
= Signal is inverted polarity (active-low)
0
= Signal is normal polarity (active-high)
bit 3-2
SCxTSS<1:0>: Slope Compensation Timing Select bits
11
=C2OUT_sync
10
=C1OUT_sync
01
= COG1_output1
00
= COG1_output0
bit 1
Unimplemented: Read as ‘0’
bit 0
SCxINS: Slope Compensation Input Select bit
1
= FVR_buffer1 is selected
0
= SLPC1IN pin is selected
REGISTER 17-2:
SLPCCON1: SLOPE COMPENSATION CONTROL 1 REGISTER
U-0
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
SCxRNG
SCxISET<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = value depends on configuration bits
bit 7-5
Unimplemented: Read as ‘0’
bit 4
SCxRNG: Slope Compensator Range bit
1
= Range setting is SCxISET +1.0V/
s
0
= Range setting is SCxISET * 0.75/15 +0.2V/
s
bit 3-0
SCxISET<3:0>: Slope Compensator Current Sink Set bits
xxxxx
= SC module Slope Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com