Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 169Page - Microchip Technology PIC16F753 Datasheet HTML 170Page - Microchip Technology PIC16F753 Datasheet HTML 171Page - Microchip Technology PIC16F753 Datasheet HTML 172Page - Microchip Technology PIC16F753 Datasheet HTML 173Page - Microchip Technology PIC16F753 Datasheet HTML 174Page - Microchip Technology PIC16F753 Datasheet HTML 175Page - Microchip Technology PIC16F753 Datasheet HTML 176Page - Microchip Technology PIC16F753 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 173
PIC16F753/HV753
22.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings(†)
Ambient temperature under bias..........................................................................................................-40° to +125°C
Storage temperature ........................................................................................................................ -65°C to +150°C
Voltage on pins with respect to VSS
on VDD pin
PIC16HV753 ......................................................................................................... -0.3V to +6.5V
PIC16F753 ............................................................................................................. -0.3V to +6.5V
on MCLR ......................................................................................................................... -0.3V to +13.5V
on all other pins........................................................................................ ...............-0.3V to (VDD + 0.3V)
Maximum current
on VSS pin(1)
-40°C
 TA  +85°C ............................................................................................................. 95 mA
-40°C
 TA  +125°C ........................................................................................................... 95 mA
on VDD pin(1)
-40°C
 TA  +85°C ............................................................................................................. 95 mA
-40°C
 TA  +125°C ........................................................................................................... 95 mA
on RA1, RA4, RA5 .......................................................................................................................... 25 mA
on RC4, RC5................................................................................................................................... 50 mA
Clamp current, IK (VPIN < 0 or VPIN >VDD)
20 mA
Note 1:
Maximum current rating requires even load distribution across I/O pins. Maximum current rating may be
limited by the device package power dissipation characteristics. See Table 22-7 to calculate device specific
limitations.
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com