Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 173Page - Microchip Technology PIC16F753 Datasheet HTML 174Page - Microchip Technology PIC16F753 Datasheet HTML 175Page - Microchip Technology PIC16F753 Datasheet HTML 176Page - Microchip Technology PIC16F753 Datasheet HTML 177Page - Microchip Technology PIC16F753 Datasheet HTML 178Page - Microchip Technology PIC16F753 Datasheet HTML 179Page - Microchip Technology PIC16F753 Datasheet HTML 180Page - Microchip Technology PIC16F753 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 177
PIC16F753/HV753
TABLE 22-2:
SUPPLY CURRENT (IDD)(1,2)
PIC16F753
Standard Operating Conditions (unless otherwise stated)
PIC16HV753
Param
No.
Device Characteristics
Min.
Typ†
Max.
85°C
Max.
125°C
Units
Conditions
VDD
Note
Supply Current (IDD)(1, 2)
D010
10
31
31
A2.0
FOSC = 31 kHz
LFINTOSC mode
—15
36
36
A3.0
—28
62
62
A5.0
D010
75
158
158
A
2.0
FOSC = 31 kHz
LFINTOSC mode
151
192
192
A
3.0
201
385
385
A
4.5
D011
97
140
140
A
2.0
FOSC = 1 MHz
EC Oscillator mode
155
235
235
A3.0
334
475
475
A5.0
D011
135
225
225
A
2.0
FOSC = 1 MHz
EC Oscillator mode
260
370
370
A
3.0
395
595
595
A
4.5
D012
172
260
260
A2.0
FOSC = 1 MHz
HFINTOSC mode
220
360
360
A3.0
398
516
516
A5.0
D012
210
338
338
A
2.0
FOSC = 1 MHz
HFINTOSC mode
334
432
432
A
3.0
461
680
680
A
4.5
D013
243
333
333
A2.0
FOSC = 4 MHz
EC Oscillator mode
365
485
485
A3.0
762
956
956
A5.0
D013
261
385
385
A
2.0
FOSC = 4 MHz
EC Oscillator mode
490
620
620
A
3.0
710
1045
1045
A
4.5
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave,
from rail-to-rail; all I/O pins tri-stated, pulled to VSS; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com