Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 176Page - Microchip Technology PIC16F753 Datasheet HTML 177Page - Microchip Technology PIC16F753 Datasheet HTML 178Page - Microchip Technology PIC16F753 Datasheet HTML 179Page - Microchip Technology PIC16F753 Datasheet HTML 180Page - Microchip Technology PIC16F753 Datasheet HTML 181Page - Microchip Technology PIC16F753 Datasheet HTML 182Page - Microchip Technology PIC16F753 Datasheet HTML 183Page - Microchip Technology PIC16F753 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 180
 2013-2015 Microchip Technology Inc.
Power-down Base Current (IPD)(2, 3)
D025
0.10
0.41
3.51
A
3.0
A/D Current(1), no conversion in
progress
0.12
0.55
4.41
A5.0
D025
145
171
175
A
3.0
185
226
231
A
4.5
D026
20
37
37
A
2.0
DAC Current(1)
—30
46
46
A3.0
—50
76
76
A5.0
D026
85
155
155
A
2.0
165
213
213
A
3.0
215
284
284
A
4.5
D027
115
185
203
A
2.0
FVR Current(1), FVRBUFEN = 1,
FVROUT buffer enabled
120
193
219
A3.0
125
196
224
A5.0
D027
65
126
145
A
2.0
136
171
182
A
3.0
175
226
231
A
4.5
D028
1
2
4
A
2.0
T1OSC Current,
TMR1CS <1:0> = 11
—2
3
5
A3.0
—9
20
21
A5.0
D028
65
126
140
A
2.0
136
172
180
A
3.0
175
228
235
A
4.5
D029
140
258
265
A
2.0
Op-Amp Current(1)
155
326
340
A3.0
165
421
422
A5.0
D029
140
260
265
A
2.0
155
325
340
A
3.0
165
400
410
A
4.5
TABLE 22-3:
POWER-DOWN CURRENTS (IPD) (CONTINUED)(1,2)
PIC16F753
Standard Operating Conditions (unless otherwise stated)
Sleep mode
PIC16HV753
Param
No.
Device
Characteristics
Min.
Typ†
Max.
85°C
Max.
125°C
Units
Conditions
VDD
Note
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The peripheral
 current can be determined by subtracting the base IPD current from this limit. Max values
should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VSS.
3:
Shunt regulator is always on and always draws operating current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com