Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 179 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 179 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 175Page - Microchip Technology PIC16F753 Datasheet HTML 176Page - Microchip Technology PIC16F753 Datasheet HTML 177Page - Microchip Technology PIC16F753 Datasheet HTML 178Page - Microchip Technology PIC16F753 Datasheet HTML 179Page - Microchip Technology PIC16F753 Datasheet HTML 180Page - Microchip Technology PIC16F753 Datasheet HTML 181Page - Microchip Technology PIC16F753 Datasheet HTML 182Page - Microchip Technology PIC16F753 Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 179
PIC16F753/HV753
TABLE 22-3:
POWER-DOWN CURRENTS (IPD) (1,2)
PIC16F753
Standard Operating Conditions (unless otherwise stated)
Sleep mode
PIC16HV753
Param
No.
Device
Characteristics
Min.
Typ†
Max.
85°C
Max.
125°C
Units
Conditions
VDD
Note
Power-down Base Current (IPD)(2)
D020
0.05
0.50
3.50
A
2.0
WDT, BOR, Comparator, VREF and
T1OSC disabled
0.15
1.00
4.00
A3.0
0.35
1.50
5.00
A5.0
D020
70
130
140
A
2.0
140
175
185
A
3.0
175
230
250
A
4.5
Power-down Base Current (IPD)(2, 3)
D021
0.96
1.30
3.72
A
2.0
WDT Current(1)
1.05
2.10
6.50
A3.0
1.87
2.92
6.86
A5.0
D021
66
127
141
A
2.0
137
172
176
A
3.0
176
228
233
A
4.5
D022
4
7
10
A
3.0
BOR Current(1)
—5
8
11
A5.0
D022
140
175
180
A
3.0
178
230
236
A
4.5
D023
160
345
375
A
2.0
CxSP = 1, Comparator Current(1),
single comparator enabled
180
370
405
A3.0
220
410
445
A5.0
D023
225
380
380
A
2.0
250
420
420
A
3.0
381
500
500
A
4.5
D024
50
105
115
A
2.0
CxSP = 0, Comparator Current(1),
single comparator enabled
—55
110
120
A3.0
70
120
132
A5.0
D024
115
200
200
A
2.0
150
220
220
A
3.0
240
277
277
A
4.5
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The peripheral
 current can be determined by subtracting the base IPD current from this limit. Max values
should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VSS.
3:
Shunt regulator is always on and always draws operating current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com