Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 177Page - Microchip Technology PIC16F753 Datasheet HTML 178Page - Microchip Technology PIC16F753 Datasheet HTML 179Page - Microchip Technology PIC16F753 Datasheet HTML 180Page - Microchip Technology PIC16F753 Datasheet HTML 181Page - Microchip Technology PIC16F753 Datasheet HTML 182Page - Microchip Technology PIC16F753 Datasheet HTML 183Page - Microchip Technology PIC16F753 Datasheet HTML 184Page - Microchip Technology PIC16F753 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 181
PIC16F753/HV753
TABLE 22-4:
I/O PORTS
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O PORT:
D030
with TTL buffer
—
—
0.8
V
4.5V
 VDD  5.5V
D030A
—
—
0.15 VDD
V2.0V
 VDD  4.5V
D031
with Schmitt Trigger buffer
—
—
0.2 VDD
V2.0V
 VDD  5.5V
VIH
Input High Voltage
I/O PORT:
D040
with TTL buffer
2.0
—
—
V
4.5V
 VDD 5.5V
D040A
0.25 VDD + 0.8
—
—
V
2.0V
 VDD  4.5V
D041
with Schmitt Trigger buffer
0.8 VDD
——
V
2.0V
 VDD  5.5V
D042
MCLR
0.8 VDD
——
V
IIL
Input Leakage Current(1)
D060
I/O ports
—
0.1
1
AVSS VPIN VDD,
Pin at high-impedance, 85°C
D061
RA3/MCLR(2)
—
0.7
5
AVSS VPIN VDD,
Pin at high-impedance, 85°C
D063
—
0.1
5
A
EC Configuration
IPUR
Weak Pull-up Current(3)
D070*
50
250
400
AVDD = 5.0V, VPIN = VSS
VOL
Output Low Voltage
D080
I/O Ports (excluding RC4, RC5)
—
—
0.6
V
IOL = 7 mA, VDD = 4.5V
-40°C
TA +125°C
IOL = 8.5 mA, VDD = 4.5V
-40°C
TA +85°C
I/O Ports RC4 and RC5
—
—
0.6
V
IOL = 14 mA, VDD = 4.5V
-40°C
TA +125°C
IOL = 17 mA, VDD = 4.5V
-40°C
TA +85°C
VOH
Output High Voltage
D090
I/O Ports (excluding RC4, RC5)
VDD-0.7
—
—
V
IOH = -2.5 mA, VDD = 4.5V
-40°C
TA +125°C
IOH = -3 mA, VDD = 4.5V
-40°C
TA +85°C
I/O Ports RC4 and RC5
VDD-0.7
—
—
V
IOH = -5 mA, VDD = 4.5V
-40°C
TA +125°C
IOH = -6 mA, VDD = 4.5V
-40°C
TA +85°C
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
Negative current is defined as current sourced by the pin.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3:
This specification applies to all weak pull-up pins, including the weak pull-up found on RA3/MCLR. When RA3/MCLR is
configured as MCLR Reset pin, the weak pull-up is always enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com