Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 179Page - Microchip Technology PIC16F753 Datasheet HTML 180Page - Microchip Technology PIC16F753 Datasheet HTML 181Page - Microchip Technology PIC16F753 Datasheet HTML 182Page - Microchip Technology PIC16F753 Datasheet HTML 183Page - Microchip Technology PIC16F753 Datasheet HTML 184Page - Microchip Technology PIC16F753 Datasheet HTML 185Page - Microchip Technology PIC16F753 Datasheet HTML 186Page - Microchip Technology PIC16F753 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 183
PIC16F753/HV753
TABLE 22-6:
OPERATIONAL AMPLIFIER (OPA) MODULE
Standard Operating Conditions (unless otherwise stated)
Param
No.
Symbol
Parameters
Min.
Typ†
Max.
Units
Conditions
OPA01* VOS
Input Offset Voltage
±8
±15
mV
OPA02* IB
Input Bias Current
±2
nA
OPA03* IOS
Input Offset Bias Current
±1
pA
OPA04* VCM
Common Mode Input Range
VSS
—VDD - 1.4
V
OPA05* CMR
Common Mode Rejection Ratio
60
70
±5
dB
OPA06* AOL
DC Open Loop Gain
dB
OPA07* VOUT
Output Voltage Swing
VSS - 50
VSS + 50
mV
OPA08* ISC
Output Short Circuit Current
10
15
mA
OPA10* PSR
Power Supply Rejection
60
dB
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
See Section 23.0 “DC and AC Characteristics Graphs and Charts” for operating characterization.
2:
Response time is measured with one comparator input at (VDD - 1.5)/2 - 100 mV to (VDD - 1.5)/2 + 20mV.
3:
Input offset voltage is measured with one comparator input at (VDD - 1.5V)/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com