Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 7Page - STMicroelectronics PM6641TR Datasheet HTML 8Page - STMicroelectronics PM6641TR Datasheet HTML 9Page - STMicroelectronics PM6641TR Datasheet HTML 10Page - STMicroelectronics PM6641TR Datasheet HTML 11Page - STMicroelectronics PM6641TR Datasheet HTML 12Page - STMicroelectronics PM6641TR Datasheet HTML 13Page - STMicroelectronics PM6641TR Datasheet HTML 14Page - STMicroelectronics PM6641TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
PM6641
Electrical characteristics
11/47
Symbol
Parameter
Test condition
Values
Unit
Min
Typ
Max
Soft end section – chipset 1.05 V rail
Discharge resistance
25
LS Turn-on VFB_1SX
Threshold with internal divider
VFB_S1X to OUT_X
0.2
V
LS Turn-on VFB_1SX
Threshold with external divider
VFB_S1X to external divider
0.16
Power management section – chipset 1.05 V rail
EN_1S05 Turn-Off level
VAVCC = +5 V
0.8
V
EN_1S05 Turn-On level
2
Switching node – DDR2/3 rails
tOnmin
Minimum On-Time
200
ns
RDSon,HS
High side PMOS Ron
90
130
m
RDSon,LS
Low side NMOS Ron
80
120
IINLEAK
VIN_1S8 leakage current
VAVCC = VVCC = 5 V,
all EN_1S8 low
VIN =
+5 V
1
µA
VIN =
+3.3 V
1
Peak current limit
RCSNS = 50 kΩ
6.1
A
Soft end section – DDR2/3 rails
VDDQ discharge resistance in
non-tracking discharge mode
25
VTTREF discharge resistance
in non-tracking discharge mode
200
VTTFB discharge resistance in
non-tracking discharge mode
40
VFB_1SX Threshold for final
tracking/Non-tracking discharge
transition with internal divider
VFB_S1X to OUT_X
0.340
V
VFB_1SX Threshold for final
tracking/Non-tracking discharge
transition with external divider
VFB_S1X to external divider
0.160
V
Table 6. Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com