Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 15Page - STMicroelectronics PM6641TR Datasheet HTML 16Page - STMicroelectronics PM6641TR Datasheet HTML 17Page - STMicroelectronics PM6641TR Datasheet HTML 18Page - STMicroelectronics PM6641TR Datasheet HTML 19Page - STMicroelectronics PM6641TR Datasheet HTML 20Page - STMicroelectronics PM6641TR Datasheet HTML 21Page - STMicroelectronics PM6641TR Datasheet HTML 22Page - STMicroelectronics PM6641TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
PM6641
Device description
19/47
7
Device description
The PM6641 is an integrated Voltage Regulator Module designed to supply DDR2/3
memory and Chipset I/O in real estate constrained portable equipment and ultra-mobile
PCs. The device consists of three buck regulators (two for Chipset Supply and one for main
DDR Supply), a Low Drop-Out (LDO) Linear Regulator capable of ±2 Apk (DDR Termination
Voltage) and a low noise buffered reference (DDR Input Buffer Reference). It has been
developed for single-series Li-Ion battery stack powered equipment, allowing an input power
supply from 2.7 V up to 5.5 V.
The PM6641 provides a compact solution by integrating DDR and Chipset voltage
regulators on a single IC with internal power MOSFETs and requiring a minimum number of
external components. All its buck regulators are based on a Current-Mode control scheme
with integrated features to guarantee stability and fast load transient response. Each
regulator output voltage can be adjusted or a pre-fixed output voltage can be chosen, if
external components are unwanted. Each switching regulator has independent
programmable soft-start, to reduce inrush current, and output soft-end, to avoid inductor and
MOSFETs high peak current.
Other buck regulators features include output Over-Voltage and Under-Voltage Protections,
programmable current limit and output Power-Good signals. High efficiency is achieved
over a wide range of load conditions by using a Pulse-Skipping technique at light load.
The PM6641 can detect the AVCC pin under-voltage through the Under-Voltage Lock-Out
(UVLO) block and it is able to limit its internal temperature through its auto-recovery
Thermal Shutdown.
The switching frequency of the buck controllers can be set in the range 500 kHz-1 MHz with
an external resistor or can be set equal to 750 kHz without external components use. All
buck regulators work at the same switching frequency with selectable Phase Shift.
The regulators can support both electrolytic and ceramic output capacitors because no
minimum output voltage ripple is required for stability purposes.
The PM6641 is provided in a QFN7x7mm 48-pin lead-free package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com