Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641TR Datasheet(PDF) 41 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 37Page - STMicroelectronics PM6641TR Datasheet HTML 38Page - STMicroelectronics PM6641TR Datasheet HTML 39Page - STMicroelectronics PM6641TR Datasheet HTML 40Page - STMicroelectronics PM6641TR Datasheet HTML 41Page - STMicroelectronics PM6641TR Datasheet HTML 42Page - STMicroelectronics PM6641TR Datasheet HTML 43Page - STMicroelectronics PM6641TR Datasheet HTML 44Page - STMicroelectronics PM6641TR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
PM6641
Application examples
41/47
9
Application examples
The following application examples are typical or customized applications. Each example
has been tested and evaluated and the schematic and BOM are available for reference
design.
9.1
UMPC DDR2 and chipset power supply
Figure 34. System architecture for DDR2 and chipset power supply
This application is conceived for real estate constrained portable equipment with DDR2
memory. An input power voltage pre-regulated to 3.3 V or 5 V is available and the available
output maximum power levels are shown in Figure 34. The switching regulator average load
is estimated to be about 50 % of the maximum load; this upper limit must be respected in
order to avoid dangerous stresses for internal power MOSFETs. The following table
resumes these current values.
Table 12. Expected average and peak currents for DDR2 and chipset power supply
Output rail
Max non continuous load [A]
Expected average load [A]
1.8 V (VDDQ)
2.5
1.3
0.9 V (VTT)
±2
0.3
1.5 V
2.8
1.4
1.05 V
4
2
PM6641
3.3V
VDDQ
1.8V @
VTT (LDO)
0.9V @ 2A
1.5V @
1.05V @ 4A
2.5A
2.8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com