Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 21Page - STMicroelectronics PM6641TR Datasheet HTML 22Page - STMicroelectronics PM6641TR Datasheet HTML 23Page - STMicroelectronics PM6641TR Datasheet HTML 24Page - STMicroelectronics PM6641TR Datasheet HTML 25Page - STMicroelectronics PM6641TR Datasheet HTML 26Page - STMicroelectronics PM6641TR Datasheet HTML 27Page - STMicroelectronics PM6641TR Datasheet HTML 28Page - STMicroelectronics PM6641TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
PM6641
Device description
25/47
In order to obtain the typical integrative loop transfer function the signal stage must
compensate for the power stage pole (due to the output capacitor and the load) and zero
(above the loop bandwidth if ceramic output capacitors are selected). The signal stage
transfer function is:
Equation 2
Where gM is the power stage transconductance, KL is a design parameter and α is the gain
due to the output resistor divider (0.8V / Vout). The external compensation network (Rc, Cc
and CRO) introduces:
●
One zero, to compensate the power stage pole:
●
One pole in order to delete the static output voltage error;
●
One pole, if necessary, in order to compensate the high frequency zero due to the
output capacitor ESR:
The control loop gain is obtained by multiplying G(s) by H(s):
Equation 3
This model provides good results if the control loop cut-off frequency fCO is lower than about
fsw/10.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
α
=
1
C
C
R
sC
sC
1
R
sC
K
g
)
s
(
G
C
Ro
C
Ro
C
C
C
L
m
(
)
ES
O
O
C
C
R
R
C
R
C
+
=
ES
O
C
RO
R
C
R
C
=
(
)
(
)
()
O
O
ES
O
ES
O
C
Ro
C
Ro
C
C
C
L
m
LOOP
R
1
R
R
sC
1
R
sC
1
C
C
R
sC
sC
1
R
sC
K
g
)
s
(
G
+
+
+
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
α
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com