Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 31Page - STMicroelectronics PM6641TR Datasheet HTML 32Page - STMicroelectronics PM6641TR Datasheet HTML 33Page - STMicroelectronics PM6641TR Datasheet HTML 34Page - STMicroelectronics PM6641TR Datasheet HTML 35Page - STMicroelectronics PM6641TR Datasheet HTML 36Page - STMicroelectronics PM6641TR Datasheet HTML 37Page - STMicroelectronics PM6641TR Datasheet HTML 38Page - STMicroelectronics PM6641TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
PM6641
Components selection
35/47
8
Components selection
The PM6641 switching regulator sections are buck converters employing a constant
frequency, current mode PWM current loop (see Chapter 7.3: SW regulators control loop on
page 24
section for details).
The duty-cycle of the buck converter is, in steady-state conditions, given by
Equation 11
The switching frequency directly affects two parameters:
●
Inductor size: greater frequencies mean smaller inductances. In notebook applications,
real estate solutions (i.e. low-profile power inductors) are mandatory also with high
saturation and root mean square (RMS) currents.
●
Efficiency: switching losses are proportional to the frequency. Generally, higher
frequencies imply lower efficiency.
8.1
Inductor selection
Once the switching frequency has been defined, the inductance value depends on the
desired inductor current ripple. Low inductance value means great ripple current that brings
to poor efficiency and great output noise. On the other hand a great current ripple is
desirable for fast transient response when a load step is applied.
Otherwise, great inductance brings to good efficiency but the load transient response is
critical, especially if VINmin - VOUT is little. The product of the output capacitor’s ESR
multiplied by the inductor ripple current must be taken in consideration; the PM6641
switching regulators current loop doesn’t need a minimum output ripple in order to work
properly, so a ceramic output capacitor can be considered a good choice.
A good trade-off between the transient response time, the efficiency, the cost and the size is
choosing the inductance value in order to maintain the inductor ripple current between 20 %
and 50 % (usually 30 %) of the maximum output current.
The maximum inductor current ripple,
∆I
L,MAX, occurs at the maximum input voltage.
With these considerations, the inductance value can be calculated with the following
expression:
Equation 12
where fSW is the switching frequency, VIN is the input voltage, VOUT is the output voltage and
∆I
L is the inductor current ripple.
IN
OUT
V
V
D
=
IN
OUT
L
OUT
IN
V
V
I
fsw
V
V
L
⋅
∆
⋅
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com