Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 25Page - STMicroelectronics PM6641TR Datasheet HTML 26Page - STMicroelectronics PM6641TR Datasheet HTML 27Page - STMicroelectronics PM6641TR Datasheet HTML 28Page - STMicroelectronics PM6641TR Datasheet HTML 29Page - STMicroelectronics PM6641TR Datasheet HTML 30Page - STMicroelectronics PM6641TR Datasheet HTML 31Page - STMicroelectronics PM6641TR Datasheet HTML 32Page - STMicroelectronics PM6641TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
PM6641
Device description
29/47
7.7
Outputs Soft-End
When the switching regulator enable pin (EN_1S8 for the VDDQ section, EN_1S5 and
EN_1S05 for chipset sections) goes down or when UV or thermal protections are detected,
the switching regulator output capacitor is actively discharged through a dedicated
discharge MOSFET of about 25
Ω typical resistance.
The PM6641 DDR supply allows choosing between two different output discharge
behaviors, involving the VDDQ (1S8) switching rail, VTT LDO termination and VTTREF
reference buffered voltage: the tracking discharge and the non-tracking discharge. This
selection is set by tying the Discharge pin (DSCG) to AVCC (tracking discharge enabled) or
to AGND (tracking discharge disabled).
When the 1.8 V rail is turned off (EN_1S8 goes low) and non-tracking discharge is active
(DSCG is low), or when UV or thermal protections are detected, the VDDQ and VTT rails
and the VTTREF buffer are discharged by internal discharge MOSFETs, through the
VSW_1S8, VTTFB and VTTREF pins respectively. VTT termination output capacitor is
discharged through 25
Ω dedicated MOSFET whereas VTTREF output capacitor is
discharged through 200
Ω dedicated MOSFET.
When the 1.8 V rail is turned off (EN_1S8 goes low) and tracking discharge is selected
(DSCG is high), tracking discharge takes place:
●
The 1.8 V rail regulator is discharged by internal MOSFET
●
The 0.9 V VTT LDO and VTTREF work in tracking with the half of 1.8 V rail
When the VTT LDO and VTTREF reach a voltage threshold of about 200-300 mV, the
device switches to non-tracking discharge mode and the internal discharge MOSFETs are
turned on.
7.8
Switching frequency selection
SET_SWF (pin 2) allows to vary the internal oscillator switching frequency, in the range of
500 kHz
1 MHz, by connecting this pin to AGND through a resistor between
70 k
Ω
140k
Ω.
The following table summarizes the output resistor – switching frequency correspondence:
When SET_SWF is tied to AVCC the internal reference is chosen and each regulator
performs a typical 750 kHz switching frequency.
Table 10. Typical values for switching frequency selection
RSET_SWF (kΩ)
Approx. switching frequency (kHz)
140
500
100
670
70
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com