Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 18Page - STMicroelectronics PM6641TR Datasheet HTML 19Page - STMicroelectronics PM6641TR Datasheet HTML 20Page - STMicroelectronics PM6641TR Datasheet HTML 21Page - STMicroelectronics PM6641TR Datasheet HTML 22Page - STMicroelectronics PM6641TR Datasheet HTML 23Page - STMicroelectronics PM6641TR Datasheet HTML 24Page - STMicroelectronics PM6641TR Datasheet HTML 25Page - STMicroelectronics PM6641TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Device description
PM6641
22/47
7.1.4
S3 and S5 power management pins
According to DDR2/3 memories supply requirements, the PM6641 can manage all S0 to S5
system states just connecting EN_VTT – EN_1S8 pins to their respective sleep-mode
signals in the notebook’s motherboard: connect EN_1S8 to S5 and EN_VTT to S3.
Keeping EN_VTT and EN_1S8 high, the S0 (Full-On) state is decoded and the outputs are
alive.
In S3 state (EN_1S8=1, EN_VTT =0), the PM6641 maintains VDDQ and VTTREF outputs
active and VTT output in high-impedance as needed.
In S4/S5 states (EN_1S8= EN_VTT =0) all outputs are turned off and, according to DSCG
pin voltage, the proper Soft-End is performed (see Chapter 7.7: Outputs Soft-End on
page 29 section for details).
The following table resumes the DDR power supply states.
7.2
Chipset supply
The chipset power supply section is based on two constant frequency current-mode buck
regulators with a pre-fixed output voltage of 1.5 V and 1.05 V.
These two independent rails have programmable switching frequency, set by inserting an
external resistor between SET_SWF pin and AGND. The PM6641 allows also to manage
the switching regulators phases for 1.5V, 1.05V and 1.8V (VDDQ) rails in order to limit the
RMS input current (see Chapter 7.8: Switching frequency selection on page 29 and
Chapter 7.9: Phase management on page 30 section for details).
The output voltages can easily be set to the pre-fixed value by connecting the feedback pins
VFB_1S5 and VFB_1S05 directly to the respective output rail, avoiding the use of external
components. However, if a different output voltage is desired, the feedback pins can be
independently connected to the central tap of a resistor divider.
The output voltage can be adjusted from 0.8V up to the input voltage value, decreased by a
drop due to the high-side MOSFET on resistance.
(see Chapter 7.5: Output voltage divider on page 27 section for details).
Both regulators are current-mode step-down switching regulators whose control loop needs
to be compensated by inserting a resistor-capacitor series connected between the
compensation pin (COMP_1S5 and COMP_1S05) and ground; if electrolytic capacitor with
relevant equivalent series resistance (ESR) are used, an additional capacitor between this
compensation pin and ground can be useful (see Chapter 7.3: SW regulators control loop
on page 24 section for details). The classical slope compensation, which allows the peak
current mode loop to avoid sub-harmonic instability with duty cycle greater than 50%, is
internally implemented and no further external components are required.
Table 8. S3 and S5 sleep-states decoding
S3 (EN_VTT) S5 (EN_1S8)
System state
VDDQ
VTTREF
VTT
11
S0
(Full-On)
On
On
On
01
S3
(Suspend-To-RAM)
On
On
Hi-Z
00
S4/S5
(Suspend-To-Disk)
Off (Discharge) Off (Discharge) Off (Discharge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com