Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 35Page - STMicroelectronics PM6641TR Datasheet HTML 36Page - STMicroelectronics PM6641TR Datasheet HTML 37Page - STMicroelectronics PM6641TR Datasheet HTML 38Page - STMicroelectronics PM6641TR Datasheet HTML 39Page - STMicroelectronics PM6641TR Datasheet HTML 40Page - STMicroelectronics PM6641TR Datasheet HTML 41Page - STMicroelectronics PM6641TR Datasheet HTML 42Page - STMicroelectronics PM6641TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
PM6641
Components selection
39/47
From the definition of cross-over frequency, the value of the compensation resistor is
derived:
Equation 25
A good choice for the cross-over frequency is to assign fCO equal to
.
The fixed parameters gm = 300 µs and KL = 4.4 s are design parameters, whereas the
feedback divider factor (
α) is application dependant (see Chapter 7.3: SW regulators control
loop on page 24
section for details).
After computing RC, the compensation capacitor can be designed in order to place the
compensation zero near the power stage pole:
Equation 26
The roll-off capacitance, as said previously, must compensate for the power stage high
frequency zero, when necessary:
Equation 27
As final step, it’s important to verify that the compensation zero is quite far from the cross-
over frequency. An empirical rule is satisfied if the following holds:
Equation 28
All these considerations are true if the cross-over frequency is quite lower than the switching
frequency, and the compensation zero and the power stage pole are far enough from fCO.
O
L
m
O
ES
O
CO
C
CO
LOOP
R
K
g
)
R
R
(
C
f
2
R
1
)
f
2
j
(
G
α
+
π
=
=
π
10
f
SW
(
)
C
ES
O
O
C
R
R
R
C
C
+
=
C
ES
O
RO
R
R
C
C
=
5
f
R
C
2
1
f
CO
C
C
ZC
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com