Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6641TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 12Page - STMicroelectronics PM6641TR Datasheet HTML 13Page - STMicroelectronics PM6641TR Datasheet HTML 14Page - STMicroelectronics PM6641TR Datasheet HTML 15Page - STMicroelectronics PM6641TR Datasheet HTML 16Page - STMicroelectronics PM6641TR Datasheet HTML 17Page - STMicroelectronics PM6641TR Datasheet HTML 18Page - STMicroelectronics PM6641TR Datasheet HTML 19Page - STMicroelectronics PM6641TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Typical operating characteristics
PM6641
16/47
Figure 15. 1.5 V load regulation
Figure 16. 1.05 V load regulation
Figure 17. VDDQ (1.8 V) load transient: 0-AVG
Figure 18. VTT load transient: -1 A +1 A
Figure 19. 1V5 load transient: 0-AVG
Figure 20. 1V05 load transient: 0-AVG
1,522
1,524
1,526
1,528
1,530
1,532
1,534
1,536
0,00
0,50
1,00
1,50
2,00
2,50
Load Cur rent [ A]
1V5
g
1,047
1,048
1,049
1,050
1,051
1,052
1,053
0,00
0,50
1,00
1,50
2,00
2,50
3,00
3,50
Load Current [A]
1V05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com