Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 277 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 277 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 273Page - STMicroelectronics STM32L4R5VG Datasheet HTML 274Page - STMicroelectronics STM32L4R5VG Datasheet HTML 275Page - STMicroelectronics STM32L4R5VG Datasheet HTML 276Page - STMicroelectronics STM32L4R5VG Datasheet HTML 277Page - STMicroelectronics STM32L4R5VG Datasheet HTML 278Page - STMicroelectronics STM32L4R5VG Datasheet HTML 279Page - STMicroelectronics STM32L4R5VG Datasheet HTML 280Page - STMicroelectronics STM32L4R5VG Datasheet HTML 281Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 306 page
background image
DocID030321 Rev 3
277/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
6.3.33
Camera interface (DCMI) timing specifications
Unless otherwise specified, the parameters given in Table 123 for DCMI are derived from
tests performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 21, with the following configuration:
•
DCMI_PIXCLK polarity: falling
•
DCMI_VSYNC and DCMI_HSYNC polarity: high
•
Data format: 14 bits
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 x VDD
Figure 66. DCMI timing diagram
Table 123. DCMI characteristics(1)
Symbol
Parameter
Condition
Min
Max
Unit
-
Frequency ratio
DCMI_PIXCLK/fHCLK
--
0.4
-
DCMI_PIXCLK
Pixel clock input
1.71 < VDD < 3.6
Voltage range V1
-48
MHz
1.71 < VDD < 3.6
Voltage range V2
-10
Dpixel
Pixel clock input duty cycle
-
30
70
%
MS32414V2
DCMI_PIXCLK
tsu(VSYNC)
tsu(HSYNC)
DCMI_HSYNC
DCMI_VSYNC
DATA[0:13]
1/DCMI_PIXCLK
th(HSYNC)
th(HSYNC)
tsu(DATA) th(DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com