Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 279 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 279 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 275Page - STMicroelectronics STM32L4R5VG Datasheet HTML 276Page - STMicroelectronics STM32L4R5VG Datasheet HTML 277Page - STMicroelectronics STM32L4R5VG Datasheet HTML 278Page - STMicroelectronics STM32L4R5VG Datasheet HTML 279Page - STMicroelectronics STM32L4R5VG Datasheet HTML 280Page - STMicroelectronics STM32L4R5VG Datasheet HTML 281Page - STMicroelectronics STM32L4R5VG Datasheet HTML 282Page - STMicroelectronics STM32L4R5VG Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 306 page
background image
DocID030321 Rev 3
279/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics.
6.3.35
SD/SDIO/MMC card host interfaces (SDMMC)
Unless otherwise specified, the parameters given in Table xx for SDIO are derived from
tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 22: General operating conditions with the following
configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 x VDD Refer to Section 6.3.17: I/O
port characteristics for more details on the input/output characteristics.
Table 124. LTDC characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Max
Unit
fCLK
DCLK
LTDC clock output
frequency
2.7 V < VDD < 3.6 V
-
83
MHz
1.71 V < VDD < 3.6 V
-
50
LTDC clock output duty
cycle
-45
55
%
tw(CLKH)
tw(CLKL)
Clock high time
Clock low time
-
tw(CLK)/2-0.5 tw(CLK)/2+0.5
-
tv(DATA)
Data output valid time
-
-
6
th(DATA)
Data output hold time
-
0
-
tv(HSYNC)
tv(VSYNC)
tv(DE)
HSYNC/VSYNC/DE
output valid time
--
3
th(HSYNC)
th(VSYNC)
th(DE)
HSYNC/VSYNC/DE
output hold time
-0
-
Table 125. Dynamics characteristics:
SD / eMMC characteristics at VDD = 2.7 V to 3.6 V (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer
mode
-0
-
66
MHz
-
SDIO_CK/fPCLK2 frequency
ratio
--
-
8/3
-
tW(CKL)
Clock low time
fpp = 52 MHz
8.5
9.5
-
ns
tW(CKH)
Clock high time
fpp = 52 MHz
8.5
9.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com