Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 278 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 278 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 274Page - STMicroelectronics STM32L4R5VG Datasheet HTML 275Page - STMicroelectronics STM32L4R5VG Datasheet HTML 276Page - STMicroelectronics STM32L4R5VG Datasheet HTML 277Page - STMicroelectronics STM32L4R5VG Datasheet HTML 278Page - STMicroelectronics STM32L4R5VG Datasheet HTML 279Page - STMicroelectronics STM32L4R5VG Datasheet HTML 280Page - STMicroelectronics STM32L4R5VG Datasheet HTML 281Page - STMicroelectronics STM32L4R5VG Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 306 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
278/306
DocID030321 Rev 3
6.3.34
LCD-TFT controller (LTDC) characteristics
Unless otherwise specified, the parameters given in Table 124 for LCD-TFT are derived
from tests performed under the ambient temperature, fHCLK frequency and VDD supply
voltage summarized in Table 22, with the following configuration:
•
LCD_CLK polarity: high
•
LCD_DE polarity: low
•
LCD_VSYNC and LCD_HSYNC polarity: high
•
Pixel formats: 24 bits
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 x VDD
tsu(DATA)
Data input setup time
1.71 < VDD < 3.6
Voltage range V1
5.5
-
ns
1.71 < VDD < 3.6
Voltage range V2
8-
th(DATA)
Data hold time
1.71 < VDD < 3.6
Voltage range V1
0-
1.71 < VDD < 3.6
Voltage range V2
0-
tsu(HSYNC),
tsu(VSYNC)
DCMI_HSYNC/DCMI_VSYNC
input setup time
1.71 < VDD < 3.6
Voltage range V1
6-
1.71 < VDD < 3.6
Voltage range V2
9-
th(HSYNC),
th(VSYNC)
DCMI_HSYNC/DCMI_VSYNC
input hold time
1.71 < VDD < 3.6
Voltage range V1
0-
1.71 < VDD < 3.6
Voltage range V2
0-
1. Data based on characterization results, not tested in production.
Table 123. DCMI characteristics(1) (continued)
Symbol
Parameter
Condition
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com