Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 280 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 280 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 276Page - STMicroelectronics STM32L4R5VG Datasheet HTML 277Page - STMicroelectronics STM32L4R5VG Datasheet HTML 278Page - STMicroelectronics STM32L4R5VG Datasheet HTML 279Page - STMicroelectronics STM32L4R5VG Datasheet HTML 280Page - STMicroelectronics STM32L4R5VG Datasheet HTML 281Page - STMicroelectronics STM32L4R5VG Datasheet HTML 282Page - STMicroelectronics STM32L4R5VG Datasheet HTML 283Page - STMicroelectronics STM32L4R5VG Datasheet HTML 284Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 306 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
280/306
DocID030321 Rev 3
CMD, D inputs (referenced to CK) in eMMC legacy/SDR/DDR and SD HS/SDR(2)/DDR(2) mode
tISU
Input setup time HS
-
1.5
-
-
ns
tIHD
Input hold time HS
-
2
-
-
CMD, D outputs (referenced to CK) in eMMC legacy/SDR/DDR and SD HS/SDR(2)/DDR(2) mode
tOV
Output valid time HS
-
-
5
6.5
ns
tOH
Output hold time HS
-
4
-
-
CMD, D inputs (referenced to CK) in SD default mode
tISUD
Input setup time SD
-
1.5
-
-
ns
tIHD
Input hold time SD
-
2
-
-
CMD, D outputs (referenced to CK) in SD default mode
tOVD
Output valid default time SD
-
-
1
2.5
ns
tOHD
Output hold default time SD
-
0
-
-
1. Guaranteed by characterization results.
2. For SD 1.8 V support, an external voltage converter is needed.
Table 126. Dynamics characteristics:
eMMC characteristics at VDD = 1.71 V to 1.9 V(1)(2)
1. Guaranteed by characterization results.
2. Cload = 20 pF.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer
mode
-0
-
52
MHz
-
SDIO_CK/fPCLK2 frequency
ratio
--
-
8/3
-
tW(CKL)
Clock low time
fpp = 52 MHz
8.5
9.5
-
ns
tW(CKH)
Clock high time
fpp = 52 MHz
8.5
9.5
-
CMD, D inputs (referenced to CK) in eMMC mode
tISU
Input setup time HS
-
0.5
-
-
ns
tIH
Input hold time HS
-
4.5
-
-
CMD, D outputs (referenced to CK) in eMMC mode
tOV
Output valid time HS
-
-
6
7.4
ns
tOH
Output hold time HS
-
4
-
-
Table 125. Dynamics characteristics:
SD / eMMC characteristics at VDD = 2.7 V to 3.6 V (1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com