Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics STDRIVE101 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
3
Electrical characteristics
Testing conditions: VS = 60 V unless otherwise specified.
Typical values are tested at TJ = 25 °C, minimum and maximum values are guaranteed by thermal
characterization in the temperature range of -40 to 125 °C, unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply and standby mode
VREG12(On)
VREG12 UVLO turn-on
threshold
VREG12 rising
5.5
V
VREG12(Hyst)
VREG12 UVLO hysteresis
VREG12 falling
100
mV
VBO(On)
VBOOT - VOUT UVLO turn-
on threshold
VBOOT rising
5
V
VBO(Hyst)
VBOOT - VOUT UVLO
hysteresis
VBOOT falling
100
IBOOT
VBOOT - VOUT quiescent
current
TJ = 25 °C
85
155
225
µA
Iqu
Overall quiescent
consumption from VS
VS = 60 V
All gate driver outputs low
SCREF = 3.3 V
1700
2800
µA
ISTBY
Overall standby
consumption from VS
VS = 60 V, Device in standby mode
TJ = 25 °C
10
16
µA
tSTBY
Standby time
See Figure 15 and Figure 16
300
1200
µs
tWAKE
Wake-up time
VS = VREG12 = 12 V
Figure 15 and Figure 16
50
µs
12 V Linear regulator
VREG12
12 V linear regulator output
and gate driving supply
voltage
VS = 60 V
IREG12 = 50 mA
All gate driver outputs low
11.4
12.2
12.75
V
IREG12lim
12 V linear regulator
current limit
REG12 shorted to ground
55
mA
Gate drivers
ISI
Maximum sink current
capabilities
VS = VREG12 = 12 V
VBOOTx-VOUTx = 12 V
TJ = 25 °C
400
600
mA
VS = VREG12 = 12 V
VBOOTx-VOUTx = 12 V
Full temperature range
300
mA
VS = VREG12 = 5.5 V
VBOOTx-VOUTx = 5.5 V
TJ = 25 °C
350
mA
STDRIVE101
Electrical characteristics
DS13472 - Rev 1
page 6/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com