Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 20Page - STMicroelectronics STDRIVE101 Datasheet HTML 21Page - STMicroelectronics STDRIVE101 Datasheet HTML 22Page - STMicroelectronics STDRIVE101 Datasheet HTML 23Page - STMicroelectronics STDRIVE101 Datasheet HTML 24Page - STMicroelectronics STDRIVE101 Datasheet HTML 25Page - STMicroelectronics STDRIVE101 Datasheet HTML 26Page - STMicroelectronics STDRIVE101 Datasheet HTML 27Page - STMicroelectronics STDRIVE101 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
7
Application example
Figure 21 shows an application example using the STDRIVE101 to drive a three-phase motor with triple shunt
configuration.
Table 10. Typical application values (VDD = 3.3 V)
Name
Value
CS
100 nF / 100 V
CSPOL
120 µF / 100 V
CREG
100 nF / 25 V
CREGPOL
4.7 µF / 25 V
RDT
50 kΩ (tDT
≅570 ns)
RSC1
18 kΩ
RSC2
10 kΩ
RFAULT
39 kΩ
RS1, RS2, RS3
Values according to application requirements
RSNS1, RSNS2, RSNS3
Values according to application requirements
CCP
2.2 nF / 16 V
RCP
Values according to application requirements
The others features implemented are:
VDS monitoring protection with SCREF = 1.2 V (VDD = 3.3 V)
Overcurrent protection with internal comparator (CP pin)
Figure 21. Typical application schematic
+
VM
12V
VSCREF
Half-bridge 1
Half-bridge 2
Half-bridge 3
M
VDD
EN3/INL3
EN1/INL1
nFAULT
EN2/INL2
IN3/INH3
DT/MODE
SCREF
IN1/INH1
IN2/INH2
GLS2
OUT2
GHS2
BOOT2
GLS3
CP
OUT3
GHS3
BOOT3
STBY
HS
VBOOT
LS
BOOT1
GHS1
OUT1
GLS1
VCC
12 V
LDO Reg
+
-
+
-
+
-
VREF
+
VDSth
+
RDT
RFAULT
CS
CSPOL
CREGPOL
CREG
RSNS2
RSNS3
RSNS1
RS1
RS2
RS3
VDD
RCP
CCP
+
-
Signal conditioning
VDD
RSC1
RSC2
+
VDSth
VCC
VCC
STDRIVE101
Application example
DS13472 - Rev 1
page 24/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com