Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 15Page - STMicroelectronics STDRIVE101 Datasheet HTML 16Page - STMicroelectronics STDRIVE101 Datasheet HTML 17Page - STMicroelectronics STDRIVE101 Datasheet HTML 18Page - STMicroelectronics STDRIVE101 Datasheet HTML 19Page - STMicroelectronics STDRIVE101 Datasheet HTML 20Page - STMicroelectronics STDRIVE101 Datasheet HTML 21Page - STMicroelectronics STDRIVE101 Datasheet HTML 22Page - STMicroelectronics STDRIVE101 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Important:
If the 12 V regulator is bypassed, the consumption in standby mode is not reduced.
The device enters standby mode keeping low all the driving input pins (INx/INHx and ENx/INLx) for at least tSTBY
time. At power-up, if all the driving inputs are low, the device is immediately set in standby condition. The device
leaves standby mode after a tWAKE time after at least one of the logic inputs is set high (refer to Figure 15 and
Figure 16). Considering the standby condition disables the 12 V regulator, the device returns operative only after
the REG12 voltage returns above the UVLO turn-on threshold. When the device exits from standby condition, the
bootstrap capacitors charge via low-side turn-on is required, as described in Section 5.2.1.1
Figure 15. Standby and wake-up time (ENx/INx mode, with VS = VREG12 = 12 V)
t
50%
tSTBY
off
ENx
INx
GLSx
GHSx
50%
Device mode
tWAKE
Operative
Operative
Standby
Standby
90%
rising ONE of the 6 input lines
the IC exits from standby
GLS/GHS status
according to ENx & INx inputs
ton
10%
Figure 16. Standby and wake-up time (INHx/INLx mode, with VS = VREG12 = 12 V)
t
50%
tSTBY
off
INxx
GLSx
GHSx
50%
Device mode
tWAKE
Operative
Operative
Standby
Standby
90%
rising ONE of the 6 input lines
the IC exits from standby
GLS/GHS status
according to INxx inputs
ton
10%
5.5
Undervoltage protection
The device provides UVLO protections on each power supply.
During power-up (see Figure 17), the device leaves the UVLO condition when the respective supply voltage rises
above the turn-on threshold. When the supply voltage is below the on-threshold voltage of a hysteresis, the UVLO
condition is set.
Table 9 summarizes which blocks are switched off in UVLO condition.
Table 9. UVLO and OT protection management
Block
VREG12 UVLO
VBOOTx UVLO
HSU, HSV, HSW output
LOW(1)
LOW(1) (2)
LSU, LSV, LSW output
LOW(1)
nFAULT open-drain output
LOW
OPEN
STDRIVE101
Undervoltage protection
DS13472 - Rev 1
page 19/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com