Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 12Page - STMicroelectronics STDRIVE101 Datasheet HTML 13Page - STMicroelectronics STDRIVE101 Datasheet HTML 14Page - STMicroelectronics STDRIVE101 Datasheet HTML 15Page - STMicroelectronics STDRIVE101 Datasheet HTML 16Page - STMicroelectronics STDRIVE101 Datasheet HTML 17Page - STMicroelectronics STDRIVE101 Datasheet HTML 18Page - STMicroelectronics STDRIVE101 Datasheet HTML 19Page - STMicroelectronics STDRIVE101 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Each diode is in parallel with the corresponding internal bootstrap diode. An external series resistor, smaller than
RDS_diode, can be still used together with each diode to reduce the maximum charging current and helps to limit
the voltage drop on the REG12 pin. The maximum drop on the CREG12 capacitor occurs when the three bootstrap
capacitors must be recharged and no series resistor is used with the external diodes. This drop can be
approximated as:
Equation 4
(4)
ΔVCREG12≈VREG12∙ 3∙CBOOT
CREG12+3∙CBOOT
Figure 11. External bootstrap diode configuration
12 V
LDO reg
REG12
C
REG12
C
BOOTx
BOOTx
OUTx
x3 bootstrap circuitries
5.2.2
Externally provided gate driver’s supply voltage
It is possible to provide externally the supply voltage for the gate driving circuitry directly, bypassing the integrated
regulator and shorting VS and REG12 pins together.
Important:
Using this configuration the consumption is partially reduced in standby mode.
Figure 12. 12 V LDO supply voltage externally provided
VS
12 V
LDO Reg
REG12
VCC
CREG12
100 nF
STDRIVE101
12 V LDO linear regulator
DS13472 - Rev 1
page 16/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com