Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 10Page - STMicroelectronics STDRIVE101 Datasheet HTML 11Page - STMicroelectronics STDRIVE101 Datasheet HTML 12Page - STMicroelectronics STDRIVE101 Datasheet HTML 13Page - STMicroelectronics STDRIVE101 Datasheet HTML 14Page - STMicroelectronics STDRIVE101 Datasheet HTML 15Page - STMicroelectronics STDRIVE101 Datasheet HTML 16Page - STMicroelectronics STDRIVE101 Datasheet HTML 17Page - STMicroelectronics STDRIVE101 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Figure 9. 12 V LDO linear regulator typical configuration
VS
12 V
LDO reg
REG12
VS
CREG12
220 nF
100 nF
The regulator supplies the gate drivers and can be used to supply small external loads. The average current
consumption IREG12 is given by the internal consumption of the gate drivers, the current provided to the gates of
the external MOSFETs and the external load consumption, if any. IREG12 cannot exceed IREG12lim.
The internal consumption of the gate drivers is proportional to the switching frequency and its typical value is
reported in Figure 10; this is the overall consumption of the six gate drivers and it is measured without any load
connected on the drivers’ outputs.
Figure 10. Typical current consumption (driver’ outputs unloaded)
On top of this, the current supplied to the external MOSFETs’ gates must be considered. The overall gate current
IG,tot for the six MOSFETs of the power stage can be calculated as:
Equation 1
(1)
IG,tot= 6⋅Qg⋅fSW
where Qg is the gate charge value of the external MOSFETs, taken at gate voltage equal to VREG12 and fSW is the
switching frequency of the MOSFETs (i.e. the frequency of the PWM signals applied to the drivers).
Another aspect to consider for the maximum current of the linear regulator is the power dissipation. An excessive
power dissipation leads to the thermal shutdown of the device ( Section 5.8 ). The total power dissipation of the
regulator PREG12 can be calculated as:
STDRIVE101
12 V LDO linear regulator
DS13472 - Rev 1
page 14/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com