Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics STDRIVE101 Datasheet HTML 10Page - STMicroelectronics STDRIVE101 Datasheet HTML 11Page - STMicroelectronics STDRIVE101 Datasheet HTML 12Page - STMicroelectronics STDRIVE101 Datasheet HTML 13Page - STMicroelectronics STDRIVE101 Datasheet HTML 14Page - STMicroelectronics STDRIVE101 Datasheet HTML 15Page - STMicroelectronics STDRIVE101 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Table 6. STDRIVE101 pin description
QFN 24L
Name
Type
Function
1
CP
Analog in
Overcurrent comparator input.
2
DT/MODE
Analog in
Adjust deadtime duration through a pull-down resistor
(EHx/INx mode).
When shorted to ground, deadtime is disabled and the
INHx/INLx driving mode is selected.
3
SCREF
Analog in
Set the threshold voltage of the VDS monitoring protection.
If the pin is left floating, the VDS monitoring protection is
disabled.
4
VS
Power
Supply voltage.
5
REG12
Power
12 V linear regulator output and gate drivers supply
voltage.
6
nFAULT
Open-drain output
Fault output
Forced low when one of the following failure conditions
occurs:
•
Overcurrent
•
VDS monitoring protection triggered
•
Thermal shutdown
•
UVLO on REG12 pin
7
INH1/IN1
Digital in
Output 1 high-side driving input (INHx/INLx mode)
Output 1 driving input (EHx/INx mode)
8
INH2/IN2
Digital in
Output 2 high-side driving input (INHx/INLx mode)
Output 2 driving input (EHx/INx mode)
9
INH3/IN3
Digital in
Output 3 high-side driving input (INHx/INLx mode)
Output 3 driving input
10
INL1/EN1
Digital in
Output 1 low-side driving input (INHx/INLx mode)
Output 1 enable input (EHx/INx mode)
11
INL2/EN2
Digital in
Output 2 low-side driving input (INHx/INLx mode)
Output 2 enable input (EHx/INx mode)
12
INL3/EN3
Digital in
Output 3 low-side driving input (INHx/INLx mode)
Output 3 enable input (EHx/INx mode)
13
BOOT3
Power
Half-bridge 3 bootstrap voltage
14
GHS3
Analog out
Half-bridge 3 high-side gate driver output
15
OUT3
Power
Half-bridge 3 high-side (floating) common voltage
16
GLS3
Analog out
Half-bridge 3 low-side gate driver output
17
BOOT2
Power
Half-bridge 2 bootstrap voltage
18
GHS2
Analog out
Half-bridge 2 high-side gate driver output
19
OUT2
Power
Half-bridge 2 high-side (floating) common voltage
20
GLS2
Analog out
Half-bridge 2 low-side gate driver output
21
BOOT1
Power
Half-bridge 1 bootstrap voltage
22
GHS1
Analog out
Half-bridge 1 high-side gate driver output
23
OUT1
Power
Half-bridge 1 high-side (floating) common voltage
24
GLS1
Analog out
Half-bridge 1 low-side gate driver output
EPAD/GND
Power
Ground
STDRIVE101
Pin description
DS13472 - Rev 1
page 12/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com