Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics STDRIVE101 Datasheet HTML 10Page - STMicroelectronics STDRIVE101 Datasheet HTML 11Page - STMicroelectronics STDRIVE101 Datasheet HTML 12Page - STMicroelectronics STDRIVE101 Datasheet HTML 13Page - STMicroelectronics STDRIVE101 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Figure 4. INHx and INLx timings (INHx/INLx mode)
INL
INH
50%
10%
90%
50%
ton
GLS
GHS
toff
Figure 5. Overcurrent comparator timings
GLSx
nFAULT
VREF
CP
tDISABLE
tDELAY,OC
tDFOC
< tDFOC
> tDFOC
GHSx
Figure 6. VDS monitoring protection timing
tDELAY,SC
GLSx
GHSx - OUTx
INx
(ENx = high)
OUTx
VS
VS - VDSth
VS
VDSth
nFAULT
tDTLH
tDFSC
Expected
behavior
Output
short to ground
condition
Expected
behavior
Output
short Vs
condition
tDELAY,SC
GLSx
GHSx - OUTx
INx
(ENx = high)
OUTx
nFAULT
tDTLH
tDFSC
STDRIVE101
Electrical characteristics
DS13472 - Rev 1
page 10/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com