Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 1 Page - STMicroelectronics

  STDRIVE101 Datasheet HTML 1Page - STMicroelectronics STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Features
•
Operating voltage from 5.5 to 75 V
•
600 mA sink/source current capability
•
3.3 V and 5 V control logic
•
Two input strategies:
–
ENx/INx with adjustable deadtime generation
–
INHx/INLx with interlocking
•
Matched propagation delay for all channels
•
Very short propagation delay: 40 ns
•
Integrated bootstrap diodes
•
12 V LDO linear regulator (50 mA max.)
•
Embedded VDS monitor for each external MOSFET
•
Overcurrent comparator
•
UVLO and thermal shutdown protection
•
Standby mode for low current consumption operation
Application
•
Home automation and appliances
•
e-bikes
•
Power tools
•
Fans and pumps
•
Industrial automation
•
Textile machines
•
Gaming and consoles
Description
The STDRIVE101 is a low voltage gate driver suitable for driving three-phase
brushless motors.
It is a single-chip with three half-bridge gate drivers for N-channel power MOSFETs.
Each driver has a current capability of 600 mA (sink/source). It integrates a low drop
linear regulator generating the supply voltage for both low-side and high-side gate
drivers through a bootstrap circuitry.
The device provides Under Voltage Lock Out (UVLO) on both the low-side and high-
side sections, preventing the power switches from operating in low efficiency or
dangerous conditions.
The control logic integrated into the STDRIVE101 allows two input strategies (high-
side and low-side or enable and PWM driving signals). The driving method is
selected according to DT/MODE pin. In both cases, prevention from cross conduction
is ensured by interlocking or internally generated deadtime.
The STDRIVE101 also features a VDS monitoring protection for each external
MOSFET, thermal shutdown and can be put in the standby mode to reduce the
power consumption.
The device is available in a VFQFPN 4x4 24 leads package option.
Product status link
STDRIVE101
Product label
Triple half-bridge gate driver
STDRIVE101
Datasheet
DS13472 - Rev 1 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STDRIVE101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
1Mb / 11P
Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
03-Apr-2024
More results

Similar Description - STDRIVE101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
Triple half-bridge high-voltage gate driver
02-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com