Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 11Page - STMicroelectronics STDRIVE101 Datasheet HTML 12Page - STMicroelectronics STDRIVE101 Datasheet HTML 13Page - STMicroelectronics STDRIVE101 Datasheet HTML 14Page - STMicroelectronics STDRIVE101 Datasheet HTML 15Page - STMicroelectronics STDRIVE101 Datasheet HTML 16Page - STMicroelectronics STDRIVE101 Datasheet HTML 17Page - STMicroelectronics STDRIVE101 Datasheet HTML 18Page - STMicroelectronics STDRIVE101 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Equation 2
(2)
PREG12= VS−VREG12 ⋅IREG12
where VS is the voltage supply of the STDRIVE101, VREG12 is the regulator output voltage and IREG12 is the
average current consumption described previously.
Note:
The size of the external power MOSFETs and the switching frequency increase the gate driver’s
consumption, thus reducing the current availability for external loads.
In addition to the average value IREG12 dynamic contributions must be considered: these are the currents needed
to charge the bootstrap capacitors, e.g. after the high-side MOSFET is kept on for a considerable amount of time
or after leaving the stand-by condition. In these cases, the amount of current is higher than IREG12lim, so it is
mainly provided by the bypass capacitor CREG12 connected to REG12 pin. In this situation, a voltage drop
ΔVREG12 occurs on REG12, while the LDO maximum current IREG12lim mainly recharges CREG12. During this
recharge time (tcharge,REG12 expressed in Equation 3), the availability of current for external loads is reduced.
Equation 3
(3)
tcℎarge,REG12>CREG∆VREG12
IREG12lim
5.2.1
Bootstrap section
The bootstrap circuitry allows to generate a voltage higher than the supply VS and it is used to supply the high-
side drivers. When one high-side MOSFET is turned on, its source voltage (OUTx pin) increases up to VS.
Therefore, the gate must be driven at a voltage higher than VS. The bootstrap capacitor is referred to the OUTx
pin:
When the OUTx pin is forced to GND (i.e. the respective low-side MOSFET is on), the bootstrap capacitor is
charged through the bootstrap diode.
When the OUTx is forced to VS (i.e. the respective high-side MOSFET is on), the bootstrap capacitor
supplies the respective high-side driver and discharges.
The voltage drop on the bootstrap capacitors corresponds to the supply of the high-side drivers. Each bootstrap
capacitor must be charged after the corresponding high-side is turned on, otherwise its voltage falls below the
VBO(On) - VBO(Hyst) threshold, causing the turning off of the respective driver ( Section 5.5 ). A limitation in a
bootstrap architecture is that the high-side MOSFET cannot be kept on for an indefinite amount of time. In fact,
when the high-side is on, the respective bootstrap capacitor starts discharging. If not recharged, the bootstrap
capacitor voltage falls below the VBO(On) - VBO(Hyst) (i.e. the UVLO on BOOTx pin). For this reason, working at
100% duty cycle is possible, but only for a limited number of PWM periods. The bigger the bootstrap capacitor,
the longer the time the high-side MOSFET can be kept on.
To avoid excessive drop on the REG12 pin, a proper bypass capacitor is required. Even using an external supply
connected to the REG12 pin, it is important to have a bypass capacitor with low ESR providing fast current
transients when required by the bootstrap capacitors.
The bypass capacitor on REG12 pin must provide the charge for the three bootstrap capacitors: the bigger the
bootstrap capacitors are, the bigger should be the REG12 capacitor (refer to Equation 4 in Section 5.2.1.2 ).
5.2.1.1
Power-up and wake-up
During the power-up or after leaving the standby condition, there may be no charge in bootstrap capacitors. In
these cases, the drivers cannot start immediately with normal operation, but the bootstrap capacitor should be
charged turning on the low-side MOSFET. At the beginning of this procedure, a large amount of current could be
required. If the internal 12 V LDO regulator is used, its current is limited at IREG12lim (Section 5.2 ).
5.2.1.2
Charging time and external bootstrap diodes
The charging time required to charge the bootstrap capacitors depends on their value but also on the resistance
of the bootstrap diode (RDS_diode), which limits the current flow. In order to reduce the minimum time for bootstrap
recharge (i.e. the minimum time the low-side MOSFET must be on), external bootstrap diodes can be used as
shown in Figure 11.
STDRIVE101
12 V LDO linear regulator
DS13472 - Rev 1
page 15/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com