Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 17Page - STMicroelectronics STDRIVE101 Datasheet HTML 18Page - STMicroelectronics STDRIVE101 Datasheet HTML 19Page - STMicroelectronics STDRIVE101 Datasheet HTML 20Page - STMicroelectronics STDRIVE101 Datasheet HTML 21Page - STMicroelectronics STDRIVE101 Datasheet HTML 22Page - STMicroelectronics STDRIVE101 Datasheet HTML 23Page - STMicroelectronics STDRIVE101 Datasheet HTML 24Page - STMicroelectronics STDRIVE101 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
When the REG12 pin is supplied externally, the internal regulator is disabled. When leaving the standby condition
raising one of the digital inputs, the nFAULT pin goes low, even if there is no UVLO condition on the REG12 pin,
as shown in Figure 18
Figure 18. Power-up sequence, external supply on REG12 pin
twake
Vs/REG12
INLx/ENx
nFAULT
GLSx
Standby
Bootstrap cap. charge
Operative
VBOx
Voltage on boot capacitor
5.6
VDS monitoring protection
The device monitors the VDS of the power stage’s MOSFETs in order to detect anomalous conditions. The VDS of
each MOSFET is compared to a reference threshold ( VDSth).
The reference threshold is generated according to the voltage applied to the SCREF pin:
Equation 6
(6)
VDStℎ=VSCREF
The SCREF voltage must be in the range between 0.2 V to VSCREF,en.
If the voltage is above VSCREF,dis, the protection is disabled.
When enabled, the protection triggers one of the following conditions occur:
GLSx output is high and VOUTx > VDSth for more than tDFSC
STDRIVE101
VDS monitoring protection
DS13472 - Rev 1
page 21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com