Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 4 Page - STMicroelectronics

  STDRIVE101 Datasheet HTML 1Page - STMicroelectronics STDRIVE101 Datasheet HTML 2Page - STMicroelectronics STDRIVE101 Datasheet HTML 3Page - STMicroelectronics STDRIVE101 Datasheet HTML 4Page - STMicroelectronics STDRIVE101 Datasheet HTML 5Page - STMicroelectronics STDRIVE101 Datasheet HTML 6Page - STMicroelectronics STDRIVE101 Datasheet HTML 7Page - STMicroelectronics STDRIVE101 Datasheet HTML 8Page - STMicroelectronics STDRIVE101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
2.2
Recommended operating conditions
Table 2. Recommended operating conditions
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply voltage
5.5(1)
75
V
VREG12
12 V linear regulator output and
gate driving supply voltage
VS ≥ 15 V
12
V
VS shorted to REG12
5.5 (1)
15
V
VBOOTx
Bootstrap pin voltage
89
V
IREG12
12 V linear regulator total current
consumption (2)
Internal (gate drivers) and external
consumption
50
mA
CREG12
12 V linear regulator output
capacitance
4.7
µF
RDT
Deadtime resistor
ENx/INx mode
50
250
kΩ
INHx/INLx mode
Short to ground
VIN
Logic input voltage
0
5 (3)
V
VCP
Overcurrent comparator input
voltage
-1
1
V
VSCREF
VDS monitoring protection
reference voltage (4)
Protection enabled
0.2
2.5
V
Protection disabled
2.9
3.3
V
VFAULT
nFAULT output voltage
0
5
V
Tamb
Operative ambient temperature
-40
125 (5)
°C
1. Actual operative range can be limited by UVLO protections
2. Actual linear regulator current consumption can be limited by power dissipation
3. All digital inputs are 3.3 V TTL/CMOS thresholds compliant and 5 V tolerant. They can be biased within the respective AMR
whatever the supply condition of the device (supplied, floating or shorted to ground) without causing damage to the device.
4. SCREF pin structure does not allow a bias without VS supply voltage
5. Actual operative range is limited by thermal shutdown
Important:
It is mandatory to use a VS voltage equal or greater than power stage voltage (VM in Figure 1). If not, the device is
damaged.
STDRIVE101
Recommended operating conditions
DS13472 - Rev 1
page 4/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com