Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STDRIVE101
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STDRIVE101 Datasheet HTML 24Page - STMicroelectronics STDRIVE101 Datasheet HTML 25Page - STMicroelectronics STDRIVE101 Datasheet HTML 26Page - STMicroelectronics STDRIVE101 Datasheet HTML 27Page - STMicroelectronics STDRIVE101 Datasheet HTML 28Page - STMicroelectronics STDRIVE101 Datasheet HTML 29Page - STMicroelectronics STDRIVE101 Datasheet HTML 30Page - STMicroelectronics STDRIVE101 Datasheet HTML 31Page - STMicroelectronics STDRIVE101 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
List of figures
Figure 1.
STDRIVE101 block diagram........................................................... 2
Figure 2.
INx timings and deadtime (ENx/INx mode) ................................................. 9
Figure 3.
ENx timings (ENx/INx mode) .......................................................... 9
Figure 4.
INHx and INLx timings (INHx/INLx mode)................................................. 10
Figure 5.
Overcurrent comparator timings ....................................................... 10
Figure 6.
VDS monitoring protection timing ....................................................... 10
Figure 7.
STDRIVE101 pin connection in QFN 4x4 24L with exposed PAD (Top view) ......................... 11
Figure 8.
Gate drivers’ outputs characteristics in UVLO conditions ...................................... 13
Figure 9.
12 V LDO linear regulator typical configuration ............................................. 14
Figure 10.
Typical current consumption (driver’ outputs unloaded) ....................................... 14
Figure 11.
External bootstrap diode configuration ................................................... 16
Figure 12.
12 V LDO supply voltage externally provided .............................................. 16
Figure 13.
Deadtime management for short pulses .................................................. 18
Figure 14.
Typical deadtime vs. DT resistor value ................................................... 18
Figure 15.
Standby and wake-up time (ENx/INx mode, with VS = VREG12 = 12 V) ............................. 19
Figure 16.
Standby and wake-up time (INHx/INLx mode, with VS = VREG12 = 12 V) ........................... 19
Figure 17.
Power-up sequence, internal 12 V regulator used ........................................... 20
Figure 18.
Power-up sequence, external supply on REG12 pin ......................................... 21
Figure 19.
Thermal shutdown management ....................................................... 22
Figure 20.
ESD protection strategy ............................................................. 23
Figure 21.
Typical application schematic ......................................................... 24
Figure 22.
VFQFPN 4x4x1.0 24 PITCH 0.5 package outline ........................................... 25
Figure 23.
VFQFPN 4x4x1.0 24 PITCH 0.5 suggested footprint ......................................... 26
STDRIVE101
List of figures
DS13472 - Rev 1
page 31/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com