Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 174 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 170Page - STMicroelectronics L9680 Datasheet HTML 171Page - STMicroelectronics L9680 Datasheet HTML 172Page - STMicroelectronics L9680 Datasheet HTML 173Page - STMicroelectronics L9680 Datasheet HTML 174Page - STMicroelectronics L9680 Datasheet HTML 175Page - STMicroelectronics L9680 Datasheet HTML 176Page - STMicroelectronics L9680 Datasheet HTML 177Page - STMicroelectronics L9680 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 286 page
background image
Deployment drivers
L9680
174/286
DS11615 Rev 7
(TFLT_LKG) for both HS and LS and the output of the VRCM deglitch filter is now not
allowed to disable the appropriate HS or LS squib/pyroswitch driver anymore.
High-side driver diagnostics
This test is intended to verify the proper functionality of the HS FET driver, but also the
external squib/pyroswitch connection and other internal circuitries.
First, the ISNK current has to be activated via the LPDIAGREQ register; the channel onto
which the ISNK current is activated has to be selected with the RES_MEAS_CHSEL bit
field. Then, the HS FET related to the loop channel as indicated in the RES_MEAS_CHSEL
bit field is activated with the dedicated DSTEST code for the HS squib/pyroswitch driver test
in the Diagnostic Register SPI command (SYSDIAGREQ). In such condition, the HS driver
will control the FET current to a level ILIM_HS_FET much lower than the usual deployment
current. The HS_DRV_OK flag will be set according to the test result in the LPDIAGSTAT
register, as soon as the deployment current monitoring comparator will detect that the
current through the HS FET exceeds the diagnostic current threshold, 90%*ILIM_HS_FET.
Loss of ground return diagnostics
This diagnostics is available during a squib/pyroswitch measurement or a high-side driver
diagnostics. This test is based on the voltage drop across the ground return, if the voltage
drop exceeds SGxy_OPEN, ground connection is considered as lost. Should the ground
connection on the squib/pyroswitch driver circuit be missing, the bit related to the channel
under test by the two above diagnostics will be activated in the LP_GNDLOSS register. The
flag is latched after a proper filter time TFLT_SGOPEN and cleared upon read.
High-side safing FET diagnostics
This test has to be issued during the Diag state of the power-up sequence (Figure 11).
Safing FET has to be switched on with the proper code in DSTEST bit field of the
SYSDIAGREQ. Therefore, when the command is received, the device will activate VSF
regulator to supply the external safing FET controller. The user can measure the voltage
levels of both the VSF regulator and the SSxy nodes. If the safing FET is properly switched
on, the voltage on SSxy will be regulated.
The measurement request is done via Diagnostic Control command (DIAGCTRLx), while
results will be reported through ADCRESx bit fields.
Deployment Timer diagnostic
This test allows verifying the correct functionality and duration of the timers used to control
the deployment times. This test can be executed only when the IC is in the Diag state by
setting the appropriate code in the DSTEST field of the SYSDIAGREQ register. When the
test is launched, the IC sequentially triggers the activation of the deployment timers of the
various channels (each of them separated by 8ms idle time) and outputs the relevant
waveform to the ARM1 output discrete pin. See the sequence detail in Figure 36. The µC
can therefore test the deployment times by measuring the duration of the high pulses sent
by the IC on the ARM1 pin. The deployment time configuration used during this test is the
latest one programmed in the DCRx registers. In case the test is run on a channel with no
DCRx deployment time previously configured, a default 8 µs high pulse is output on ARM for
the relevant channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com