Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 175 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 171Page - STMicroelectronics L9680 Datasheet HTML 172Page - STMicroelectronics L9680 Datasheet HTML 173Page - STMicroelectronics L9680 Datasheet HTML 174Page - STMicroelectronics L9680 Datasheet HTML 175Page - STMicroelectronics L9680 Datasheet HTML 176Page - STMicroelectronics L9680 Datasheet HTML 177Page - STMicroelectronics L9680 Datasheet HTML 178Page - STMicroelectronics L9680 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 286 page
background image
DS11615 Rev 7
175/286
L9680
Deployment drivers
285
Figure 36. Deployment timer diagnostic sequence
Squib/pyroswitch diagnostics with common SRx connected loops
In case of two SRx pins are intentionally connected together, the PD_CURR_CSR bit of the
Deployment Configuration register (DCR_x, where x = 0, 2, 4, 6, 8, A) must be used to
indicate which loop pairs have the common SRx connection. The purpose of this additional
bit is to control the pull-down current on each channel to be consistent with or without the
Common SRx connected loops. When the DCR_x(PD_CURR_CSR) bit is set for one loop
pair and the Deployment diagnostic is run on that loop pair, the pull-down current is disabled
on both channels of the loop pair selected.
For the squib/pyroswitch channel pair with common SRx connection, to understand if the
two SFx pins are shorted together, the squib/pyroswitch resistance measurement must be
required with the following setting: LPDIAGREQ[12:11]=11. In this way the ISRC current
generator is enabled on the channel selected by RES_MEAS_CHSEL[3:0] bits while the
Differential Operational Amplifier is connected on the other channel of the squib/pyroswitch
channel pair. If the short between the two SFx pin is not present then the Squib/pyroswitch
resistance measurement results will be close to 0, otherwise it will be half the real
squib/pyroswitch resistance.
Loop diagnostics control and results registers
Diagnostic tests and channels for each test are controlled through the Loop Diagnostic
Request Register (LPDIAGREQ), diagnostic results are stored in the Loop Diagnostic
Status Register (LPDIAGSTAT).
GAPGPS02282
PT_WAIT
PT2
PT3
PT4
PT12
PT_OFF
PT5
PT6
PT7
PT8
PT9
PT10
PT11
PT1
PULSE_TEST1=1 for Tpulse_high
PULSE_TESTother=0
PT_TMR=0
PT_TMR=Tpulse_period/
PULSE_TEST2=1 for Tpulse_high
PULSE_TESTother=0
PT_TMR=0
PT_TMR=Tpulse_period/
PULSE_TEST3=1 for Tpulse_high
PULSE_TESTother=0
PT_TMR=0
PT_TMR=Tpulse_period/
PULSE_TEST4=1 for Tpulse_high
PULSE_TESTother=0
PT_TMR=0
PT_TMR=Tpulse_period/
PULSE_TEST5=1 for Tpulse_high
PULSE_TESTother=0
PT_TMR=0
PT_TMR=Tpulse_period/
PULSE_TESTn=1 for Tpulse_high
PULSE_TESTother=0
PT_TMR=0
PT_TMR=Tpulse_period/
PULSE_TEST12=1 for Tpulse_high
PULSE_TESTother=0
PT_TMR=0
PT_TMR=Tpulse_period/
PULSE_TEST all_chx=0
PT_TMR=Tpulse_period/
PULSE_TESTx=0
DIAG state & SPI_SYSREQ(DSTEST=PULSE) /
From any state:
PULSE_TESTx=0
SSM_RESET /



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com