Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 178 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 178 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 174Page - STMicroelectronics L9680 Datasheet HTML 175Page - STMicroelectronics L9680 Datasheet HTML 176Page - STMicroelectronics L9680 Datasheet HTML 177Page - STMicroelectronics L9680 Datasheet HTML 178Page - STMicroelectronics L9680 Datasheet HTML 179Page - STMicroelectronics L9680 Datasheet HTML 180Page - STMicroelectronics L9680 Datasheet HTML 181Page - STMicroelectronics L9680 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 286 page
background image
Remote sensor interface
L9680
178/286
DS11615 Rev 7
9
Remote sensor interface
The L9680 contains 4 remote sensor interfaces, capable of supporting PSI-5 protocol
(synchronous mode, increased voltage, extended range) and active wheel speed sensors.
A simplified block diagram of the interface is shown below. The interface supply is given on
the SATBUCK pin (refer to Figure 3: Power supply block diagram). The circuitry consists of
a power interface that mirrors current flowing in the external sensor and transmits this
current information to the decoder, which produces a digital value for each remote sensor
channel. The voltage at the RSUx pins can be limited by the power interface in case of
SATBUCK supply overvoltage to protect the external sensors. Decoded data are then
output through the Remote Sensor Data Registers (RSDRx). Received signals can be
processed to the corresponding discrete logic output pin WS0-WS3. The power interface
also contains error detection circuitry. When a fault is detected, the error code is stored in a
global SPI data buffer in the Remote Sensor Data Registers (RSDRx).
Figure 39. Remote sensor interface logic blocks
Remote sensor configuration can be addressed via the Remote Sensor Configuration
Registers (RSCRx). Some of the bit fields in the RSCRx registers are available depending
on the chosen configuration, remote sensor rather than wheel speed sensors. In particular,
TSxDIS bit allows overriding the time slot control for PSI5 I/F and BLKTxSEL allows
selection between 5ms and 10ms for the blanking time applied to the current limitation fault
detection each time a channel is activated.
The Remote Sensor Control Register (RSCTRL) allows the interface channels to be
switched on and Off and for Sync Pulse control via SPI.
The remote sensor interface reports both data information and fault information in the
Remote Sensor Data Register (RSDRx). The device accommodates for a total of 12 data
registers. Independent data registers are defined for each remote sensor interface and are
formatted differently based on whether the interfaces are programmed for PSI-5 remote
sensor functions or active wheel speeds.
In the VDA sensor communication, data bit D0 in the RSDRx register might be used by the
sensor as a fault bit. Therefore, this bit is latched as D0_L in order to detect whether a fault
has occurred: the eight data bits are updated every speed pulse so intermittent fault
conditions could be lost. This bit is cleared-upon-read.
If the device detects an error on the sensor interface, the MSB in RSDRx (FLTBIT) will be
set to '1' and the following bits will be used to report the detected errors. Otherwise, the
register will contain only data information. Detailed information on data and fault reporting
are explained in the following sections.
X
Power &
Input
Protection
Manchester
Decoder &
Fault
Detection
Remote Sensor Configuration Reg.(RSCRx)
Remote Sensor Control Reg.(RSCTRL)
Remote Sensor Data and Fault Reg.X (RSDRx)
RSUx
GAPGPS02283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com