Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 191 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 191 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 187Page - STMicroelectronics L9680 Datasheet HTML 188Page - STMicroelectronics L9680 Datasheet HTML 189Page - STMicroelectronics L9680 Datasheet HTML 190Page - STMicroelectronics L9680 Datasheet HTML 191Page - STMicroelectronics L9680 Datasheet HTML 192Page - STMicroelectronics L9680 Datasheet HTML 193Page - STMicroelectronics L9680 Datasheet HTML 194Page - STMicroelectronics L9680 Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 286 page
background image
DS11615 Rev 7
191/286
L9680
Watchdog timers
285
10.1.2
Watchdog timer operation
While in the WD1_INITIAL state, watchdog service must begin or a SPI command with
WD1_TO_DIS=1 must be received within the first 500 ms. If the WD1 Timeout Disable bit is
set, the device can stay in the WD1_INITIAL state indefinitely without watchdog service.
To refresh WD1, the logic must receive a Watchdog Timer Register (WD1T) SPI command
containing the expected key value within the WD1 time window (WDTMIN+WDTDELTA). If
it is received too early, too late the WD1_ERROR signal will be asserted. The WD1_ERROR
will not be asserted in case a SPI command containing the Watchdog Timer Register
(WD1T) with an incorrect key value is received at any time relative to the window. This
allows the system software to repeatedly transmit the key value until it needs to change to
the correct key value. Upon reception of the correct key within the window, the logic will
reset the watchdog timer to create a new window.
The timer is cleared upon writing code 'A' and code 'B' (either in 'A' - 'B' or 'B' - 'A'
sequences) to the WD1CTL [1:0] bits, in the WD1T register. The watchdog timer value can
be read via the WD1T register.
Figure 47. Watchdog timer refresh diagram
GAPGPS01659
WD1INIT
WD1A1
WD1B1
WD1B2
WD1A2
WD1_ERROR
SPI_WD1_B
S
SPI_WD1_B /
TMR1=0
Strobe WD1 refresh OK
SPI_WD1_A /
TMR1=0
Strobe WD1 refresh OK
PI_WD1_A
SSM_RESET
TMR1>MIN &
SPI_WD1_A /
TMR1=0
Strobe WD1 refresh OK
TMR1>MIN &
SPI_WD1_B /
TMR1=0
Strobe WD1 refresh OK
TMR1>MAX OR
[TMR1<MIN & SPI_WD1_B]
TMR1>MAX OR
[TMR1<MIN & SPI_WD1_A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com