Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 188 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 188 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 184Page - STMicroelectronics L9680 Datasheet HTML 185Page - STMicroelectronics L9680 Datasheet HTML 186Page - STMicroelectronics L9680 Datasheet HTML 187Page - STMicroelectronics L9680 Datasheet HTML 188Page - STMicroelectronics L9680 Datasheet HTML 189Page - STMicroelectronics L9680 Datasheet HTML 190Page - STMicroelectronics L9680 Datasheet HTML 191Page - STMicroelectronics L9680 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 286 page
background image
Remote sensor interface
L9680
188/286
DS11615 Rev 7
9.3.2
Short to battery
All outputs are independently protected against a short to battery condition. Short to battery
protection disconnects the channel from its supply rail to guarantee that no adverse
condition occurs within the IC. The short-to-battery detection circuit has input offset voltage
(10mV, minimum) to prevent disconnecting of the output under an open circuit condition. A
short to battery is detected when the output RSUx pin voltage increases above SATBUCK
or SYNCBOOST (depending on operation) supply pin voltage for a TSTBTH time. An internal
up-counter will count in 1.5 µs increment up to TSTBTH. The counter will be cleared if the
short condition is not present for at least 1.5 µs. The channel in short to battery is not shut
down by this condition. Other channels are not affected in case of short of one output pin.
As in the case previously described, the STB fault code can be read from RSDR bits and
any fault will set the RSFLT bit of the global status word register (GSW). The STB bit is
cleared upon read or upon channel disabled via SPI RSCTRL register.
9.3.3
Cross link
The device provides also the capability of a cross link check between outputs, in order to
reveal conditions where two output channels are in short. This functionality is allowed by
enabling one output channel, while asking for voltage measurement on any of the other
ones.
9.3.4
Leakage to battery, sensor open
The sensor interface offers also open sensor detection. The auto-adjusting counter for
remote sensor current sensing will drop to 0 in case the current flowing through RSUx pin is
lower than 2.5 mA typ. The OPENDET fault flag is asserted when the fault condition lasts for
longer than TRSUOP_FILT deglitch filter time. This fault flag can be read from RSDR bits
and any fault will set the RSFLT bit of the global status word register (GSW). The channel in
this condition is not shutdown. This fault bit is cleared upon read or upon channel disabled
via SPI RSCTRL register.
9.3.5
Leakage to ground
The sensor interface offers as well the detection of a leakage to ground condition, that will
possibly raise the sensor current higher than 42 mA/12 mA typ in PSI5/WSS modes
respectively. The CURRENT_HI fault flag is asserted when the fault condition lasts for
longer than TRSUCH_FILT deglitch filter time. This fault flag can be read from RSDR bits and
any fault will set the RSFLT bit of the global status word register (GSW). The channel in this
condition is not shutdown. This fault bit is cleared upon read or upon channel disabled via
SPI RSCTRL register.
9.3.6
Thermal shutdown
Each output is protected by an independent over-temperature detection circuit should the
remote sensor interface thermal protection be triggered the output stage is disabled and a
corresponding thermal fault is latched and reported through the RSTEMP flag in the Remote
Sensor Data Register (RSDRx). The thermal fault flag is cleared when the sensor channel is
first disabled and then re-enabled through the Remote Sensor Configuration Register
(RSCRx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com