Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 189 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 185Page - STMicroelectronics L9680 Datasheet HTML 186Page - STMicroelectronics L9680 Datasheet HTML 187Page - STMicroelectronics L9680 Datasheet HTML 188Page - STMicroelectronics L9680 Datasheet HTML 189Page - STMicroelectronics L9680 Datasheet HTML 190Page - STMicroelectronics L9680 Datasheet HTML 191Page - STMicroelectronics L9680 Datasheet HTML 192Page - STMicroelectronics L9680 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 286 page
background image
DS11615 Rev 7
189/286
L9680
Watchdog timers
285
10
Watchdog timers
This device offers a 2-level watchdog control approach. The first control level is given by
means of a temporal watchdog (WD1). The WD1 window times are SPI programmable and
a couple of specific codes have to be written within this window in order to serve the WD1
control. The second control level is featured by an algorithmic seed/key watchdog (WD2).
Unlike the temporal watchdog, the algorithmic watchdog service must be maintained before
a timeout occurs, i.e. there is no restriction on refreshing the watchdog too early. Both WD1
and WD2 watchdog functionalities can be tested through the WD_TEST SPI command.
10.1
Temporal watchdog (WD1)
The temporal watchdog ensures the system software is operating correctly by requiring
periodic service from the microcontroller at a programmable rate. This service (watchdog
refresh) must occur within a time window, and if serviced too early or too late will enter an
error state reported via the FLTSR register (WD1_WDR bit).
The overall WD1 functionality is described in the state diagram reported in Figure 46.
Figure 46. WD1 Temporal watchdog state diagram
Following the description of the WD1 states and signals (most of them reported in related
SPI registers)
WDT/TM>VWD_OVERRIDE AND
GAPGPS02286
WD1_ERR_CNT++
WD1_LOCKOUT=1
WD1_TOVR=0 /
500ms AND
(from any state) /
WD2_SSMRST OR MCU_SSMRST
WD1_WDR=1
1 ms /
WD1_ERR_TH_WE=1
WD1_ERR_CNT=0
WD1_WDR=0
WD1_LOCKOUT=1
(From any state) /
WSM_Reset
WD1_ERR_CNT++
WD1_LOCKOUT=1
WD1_ERROR /
WD1_ERROR /
WD1 RESET
WD1 RUN
WD1 refresh OK /
WD1 TEST
WD1 INITIAL
WD1_LOCKOUT=0
WD1_ERR_TH_WE=0
WD1_WDR=0
WD1 refresh OK /
WD1_LOCKOUT=0
SPI WD1_TEST
OVERRIDE
WD1
SPI WD1_TEST /



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com