Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 186 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 182Page - STMicroelectronics L9680 Datasheet HTML 183Page - STMicroelectronics L9680 Datasheet HTML 184Page - STMicroelectronics L9680 Datasheet HTML 185Page - STMicroelectronics L9680 Datasheet HTML 186Page - STMicroelectronics L9680 Datasheet HTML 187Page - STMicroelectronics L9680 Datasheet HTML 188Page - STMicroelectronics L9680 Datasheet HTML 189Page - STMicroelectronics L9680 Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 286 page
background image
Remote sensor interface
L9680
186/286
DS11615 Rev 7
Besides, in case of VDA selected, the ASIC is also able to recognize the current value
of the speed pulse by computing a second threshold (named Ith2): Ith2 = IB0 + Ith1 +
Ith2/2 where Ith2 in the range from 10 mA to 18.6 mA (default is 14 mA)
Fixed current trip points where the thresholds are set via SPI. The default value for first
threshold is 9.8 mA and for second threshold is 19.6 mA
Figure 45. Wheel speed sensor protocols
Three level current
(VDA compliant sensor
with Manchester encoded
information)
Two level current
(Standard compliant sensor
with only speed information)
Two level current PWM
(One pulse per tooth with data
encoded in pulse width)
Two level current PWM
(Two pulses per tooth with
data and diagnostic encoded
in pulse width)
WSx pin
(Pass-through mode)
(normal mode)
WSx pin
Data by WSx pin and duty cycle by SPI
WSx pin
Data by WSx pin (Pass-through mode)
(Pass-through mode)
(normal mode)
WSx pin
Data by WSx pin and duty cycle by SPI
Data and diagnostic by SPI: Three level sensors have eight data bits and a parity bit which are written into the register upon
receiving. At higher speed not all bits can be transmitted. The data register for each wheel contains the number of data bits
received between two speed pulses.
14 mA
14 mA
28 mA
7 mA
7 mA
14 mA
45 μs
45 μs n x 45 μs
45 μs
90 μs
90 μs
7 mA
14 mA
7 mA
45 μs - right rotation
90 μs - left rotation
db0
high high low high low high high high high
db1 db2 db3 db4 db5 db6 db7
p
I
TH1
I
TH1
I
TH1
I
TH1
I
THopen
I
TH2
GAPGPS02285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com