Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680 Datasheet(PDF) 185 Page - STMicroelectronics

Part # L9680
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 181Page - STMicroelectronics L9680 Datasheet HTML 182Page - STMicroelectronics L9680 Datasheet HTML 183Page - STMicroelectronics L9680 Datasheet HTML 184Page - STMicroelectronics L9680 Datasheet HTML 185Page - STMicroelectronics L9680 Datasheet HTML 186Page - STMicroelectronics L9680 Datasheet HTML 187Page - STMicroelectronics L9680 Datasheet HTML 188Page - STMicroelectronics L9680 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 286 page
background image
DS11615 Rev 7
185/286
L9680
Remote sensor interface
285
9.2
Active wheel speed sensor
The remote sensor interface circuit conditions and decodes active wheel speed sensor
signals with various pulse widths and output currents. The following sensor types are
supported and selected through the Remote Sensor Configuration Register (RSCR)
Standard active 2-level wheel speed sensors (7/14 mA)
Three level (7/14/28 mA) VDA compliant sensor with direction and air gap information
(‘Requirement Specification for Standardized Interface for Wheel Speed Sensor with
Additional Information’, Version 2.0)
PWM encoded 2-level sensors with 2 edges per tooth (see data sheet Infineon® IC
TLE4942/BOSCH DF11)
PWM encoded 2-level sensors with 1 edge per tooth (see data sheet Allegro®
ATS651LSH/BOSCH DF11)
Received wheel speed frames from all the above sensors are decoded into signals suitable
for the microcontroller through the four WSx output pins (WS0-WS3). Specific information is
shown in Figure 45.
For all sensors, other than the standard active 2- level sensor, additional sensor data
(diagnostics, etc…) are decoded and available within the Remote Sensor Data Registers
(RSDR0, RSDR1, RSDR3, RSDR4). If standard active 2- level sensor is selected the
content of the Remote Sensor Data Registers will be NO DATA fault.
Only for 2-level sensors (STD or PWM encoded) the user may choose to have all sensor
data processed through the microcontroller by selecting pass through mode, WSPTEN,
within the Remote Sensor Configuration Register (RSCR). In pass through mode, the
remote sensor interface simply transforms the incoming sensor current pulses to digital
voltage pulses on the WSx pins, no decoding is performed.
The sensor input filter time, deglitch filter (delay until a threshold crossing is detected) can
be configured in 15 steps. Filters can be selected individually for each channel, through the
Remote Sensor Configuration Register, WSFILT bits.
For PWM encoded sensors with 2 edges per tooth not in pass through mode, the standstill
signal can be processed directly to the WSx output pins. This is done in the Remote Sensor
Configuration Register, SSEN bit.
Since the decoder has to measure the pulses in order to determine, whether they are stand-
still pulses or not, the first standstill pulse will always be seen on the WSx output pins and
the first not stand-still pulse after a stand-still period will be suppressed.
For 3-level VDA sensors the device performs parity check on the received data frame. In
case a parity error is detected, the INVALID fault bit of the RSDRx register will be set.
Data from the sensor are not latched: last incoming frame overwrites the previous one once
validated. Faults coming from diagnostic (i.e. over current, short to ground or battery) are
latched until the microcontroller reads them.
Sensor signal decoding is done according to two possible algorithms:
Auto-adjusting current trip points.
With this option, the IC is able to find sensor DC current value (named IB0) in the range
from 2.5 mA to 21 mA (default is 7 mA).
The IC is also able to detect the current value of the data pulse and compute the first
threshold (named Ith1): Ith1 = IB0 + Ith1/2 where Ith1 is in the range from 5 mA to
9.3 mA (default is 7 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com