Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 42 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 42 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 38Page - Greenlee Communications DST-SW-V Datasheet HTML 39Page - Greenlee Communications DST-SW-V Datasheet HTML 40Page - Greenlee Communications DST-SW-V Datasheet HTML 41Page - Greenlee Communications DST-SW-V Datasheet HTML 42Page - Greenlee Communications DST-SW-V Datasheet HTML 43Page - Greenlee Communications DST-SW-V Datasheet HTML 44Page - Greenlee Communications DST-SW-V Datasheet HTML 45Page - Greenlee Communications DST-SW-V Datasheet HTML 46Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
318
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
930XC Handheld Singlemode OTDR
CAT. NO.
UPC NO.
DESCRIPTION
930XC-20C UPC SC
89882
Handheld OTDR, 1310/1550 nm, SC/UPC
930XC-20C UPC FC
89872
Handheld OTDR, 1310/1550 nm, FC/UPC
930XC-20C UPC ST
89877
Handheld OTDR, 1310/1550 nm, ST/UPC
930XC-20C APC SC
89892
Handheld OTDR, 1310/1550 nm, SC/APC
930XC-20C APC FC
89887
Handheld OTDR, 1310/1550 nm, FC/APC
930XC-30P UPC SC
19237
Handheld OTDR, 1310/1490/1550 nm, SC/UPC
930XC-30P UPC FC
19238
Handheld OTDR, 1310/1490/1550 nm, FC/UPC
930XC-30P UPC ST
19239
Handheld OTDR, 1310/1490/1550 nm, ST/UPC
930XC-30P APC SC
19240
Handheld OTDR, 1310/1490/1550 nm, SC/APC
930XC-30P APC FC
02618
Handheld OTDR, 1310/1490/1550 nm, FC/APC
930XC-30F UPC SC
19247
Handheld OTDR, 1310/1550/1625 nm, SC/UPC
930XC-30F UPC FC
19248
Handheld OTDR, 1310/1550/1625 nm, FC/UPC
930XC-30F UPC ST
02621
Handheld OTDR, 1310/1550/1625 nm, ST/UPC
930XC-30F APC SC
19249
Handheld OTDR, 1310/1550/1625 nm, SC/APC
930XC-30F APC FC
19250
Handheld OTDR, 1310/1550/1625 nm, FC/APC
930XC-20M PC FC
25688
Handheld OTDR, 850/1300 nm, FC/PC
930XC-20M PC SC
25689
Handheld OTDR, 850/1300 nm, SC/PC
930XC-20M PC ST
25690
Handheld OTDR, 850/1300 nm, ST/PC
946
60571
Cleaning Wand 10/PK
948
60692
REEL Cleener CONN Cleaner (948)
20988
20988
Soft Carrying Case
20989
20989
USB Cable for OTDR
20990
20990
RS-232 Cable
AC-CONN-FC-L2
20996
FC Connector (for UPC & APC)
AC-CONN-ST-L2
20997
ST Connector (for UPC only)
AC-CONN-SC-L2
20998
SC Connector (for UPC & APC)
AC-ADPT-20-UNIV
25691
Power Supply Universal
930XC-QR
25692
Quick Reference Guide - UN
20999
20999
NiMH Battery (9.6V)
1155-0526
10582
Car Adapter
930XC-SM-MM
02729
OTDR Kit - Single and Multimode OTDR Kit.
• Up to 38 db dynamic range
• Large backlight LCD display
• Measure length and defects of coiled fiber
• Fiber analysis software for data management
and report generation
• 1625 nm operation for live fiver testing
• RS-232/USB interface
• Economical
• Compact handheld design
• Easy to use
• Fast automated testing
• NiMH batteries for 8 hours continuous use
SINGLEMODE SPECIFICATIONS
Fiber Type
930XC-20C
930XC-30F
930XC-30P
930XC-20M
Wavelength (± 20nm)
1310/1550
1310/1550/1625
1310/1490/1550
800/1300
Dynamic Range (dB)
35
38
38
18/22
Event deadzone (m)
2.5
1.5
2.5
7
Attenuation Deadzone (m)
14
10
14
20
Emitter Type
Laser
LED
Pulsewidth (ns)
5, 10, 30, 100, 300, 1 us, 2.5 us, 10 us, 20 us
12/30/100/275/1us (850nm)
30/100/275/1us/2us (1300nm)
Selectable Ranges (km)
0.3/1.3/2.5/5/10/20/40/80/120/160/240
0.1/0.3/0.5/1.3/2.5/5/10 (850nm) 0.1/0.3/0.5/1.3/2.5/5/10
/20/40/80 (1300nm)
Average Time
15s/30s/1 min/2 min/3 min
Distance measurement accuracy
±(1m + 5 X 10-5 x distance + sampling space)
Connector Type
UPC or APC (interchangeable FC, SC, ST)
Visual Fault Locator
Wavelength
650 nm
Peak power output
-3 dBm
Connector interface
(interchangeable FC, SC, ST)
Fiber Analysis Software
Reflection detect accuracy
±4 dB
Attenuation detect accuracy
±0.05 dB/dB
Measurement data storage
1,000 test curves
Data transmission
RS-232/USB port
General
Power Supply
NiMH chargeable battery/AC adapter
Battery Life
Support over 8 hours operating on one charge or over 20 hours standby
Operating Temperature
-10° to 50° C
Storage Temperature
-20° to 60° C
Relative Humidity
0 to 95% (non-condensing)
Weight
1.9 lbs. (0.87 kg)
Dimensions
7.7" H x 3.9" W x 2.4" L (196mm x 100mm x 64mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com