Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-V Datasheet(PDF) 91 Page - Greenlee Communications

Part # DST-SW-V
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-V Datasheet(HTML) 91 Page - Greenlee Communications

Back Button DST-SW-V Datasheet HTML 87Page - Greenlee Communications DST-SW-V Datasheet HTML 88Page - Greenlee Communications DST-SW-V Datasheet HTML 89Page - Greenlee Communications DST-SW-V Datasheet HTML 90Page - Greenlee Communications DST-SW-V Datasheet HTML 91Page - Greenlee Communications DST-SW-V Datasheet HTML 92Page - Greenlee Communications DST-SW-V Datasheet HTML 93Page - Greenlee Communications DST-SW-V Datasheet HTML 94Page - Greenlee Communications DST-SW-V Datasheet HTML 95Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
367
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
SurePunch Pro Punchdown Tool
CAT. NO.
DESCRIPTION
PA3590
Tools with lights
SurePunch Pro PDT handle (no blade) and light
PA3584
SurePunch Pro PDT with Double 110 blade and light
PA3587
SurePunch Pro PDT with 110 & 66 reversible cut & punch/punch-only
blades and light
PA3588
SurePunch Pro PDT with 1110/66 combination cut-only
blade and light
PA3596
SurePunch Pro PDT with 110 reversible cut & punch/punch-only blade
and light
PA3598
SurePunch Pro PDT with BIX™ cut-only (scissors type)
blade and light
PA3599
SurePunch Pro PDT with Krone® LSA cut-only (scissors type) blade
and light
Tools without lights
PA3589
SurePunch Pro PDT handle (no blade)
PA3585
SurePunch Pro PDT with Double 110 blade
PA3586
SurePunch Pro PDT with 110 & 66 reversible cut &
punch/punch-only blades
PA3591
SurePunch Pro PDT with 1110/66 combination cut-only blade
PA3592
SurePunch Pro PDT with 110 reversible cut & punch/punch-only blade
PA3593
SurePunch Pro PDT with 66 reversible cut & punch/punch-only blade
PA3595
SurePunch Pro PDT with Krone® LSA cut-only (scissors type) blade
PA4599
SurePunch Pro PDT detachable light and batteries
• Terminate cable in single punch - including 23 AWG Cat6
• Detachable light with long-life LED specially designed to focus the
light on the panel work area
• Luminous intesity of the LED is 2200 mcd
• Finger grips and non-slip rubber-embedded cushioned handle
for comfort
• Multi-use spudger that can be used as a screwdriver or an IDC
contact insertion tool
• Hook to feed wires through holes
• Pick to separate bonded twisted-pair cables or to strip insulation
and cut wire
• Adjustable HI/LO spring compression for all cable types
LO = 27.5 lbs (122 N), HI = 37.5 lbs (167 N)
• Uses twist-and-lock style blades
• Blade storage area in end of handle with comfortable latch cover
PA3590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com